công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SB1308-R

  • AI
    The **2SB1308-R** is a high-performance, PNP epitaxial planar silicon transistor designed primarily for low-frequency power amplification and high-speed switching applications. It is commonly found in surface-mount packages like the SOT-89. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics for the 2SB1308-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -25 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -20 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current (DC)** | $I_C$ | -3 | A | | **Collector Current (Pulse)** | $I_{CP}$ | -5 | A | | **Collector Power Dissipation** | $P_C$ | 0.5 (up to 2.0 on PCB) | W | | **Junction Temperature** | $T_j$ | 150 | °C | ### 2. The "R" Classification The suffix **"R"** refers to the **DC Current Gain ($h_{FE}$)** rank. Transistors are binned based on their gain efficiency: * **hFE Range (R):** 180 to 390 * This indicates high sensitivity, meaning a small base current can control a large collector current effectively. --- ### 3. Features and Advantages * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.5V$ (max) at $I_C = -2A$. This reduces power loss and heat generation during switching. * **High Current Capacity:** Despite its small size, it can handle up to 3 Amps of continuous current. * **Complementary Pair:** Its NPN counterpart is the **2SD1918**, which is often used together in Push-Pull amplifier circuits. --- ### 4. Common Applications 1. **Voltage Regulators:** Used in power management circuits to maintain steady voltage. 2. **Relay Drivers:** Ideal for switching inductive loads due to high current handling. 3. **Audio Amplifiers:** Used in the output stage of low-power audio devices. 4. **DC-DC Converters:** High-speed switching capabilities make it suitable for power conversion. --- ### 5. Equivalent/Substitution Parts If the 2SB1308-R is unavailable, the following parts may serve as functional equivalents (always verify pinout and package): | Part Number | Type | Max Current | Package | | :--- | :--- | :--- | :--- | | **2SB1143** | PNP | -4A | TO-126 | | **BCX53** | PNP | -1A | SOT-89 | | **2SB1202** | PNP | -3A | TP/TP-FA |
    ✨ Follow-up Questions
    • ⤷What are the specific pinout assignments for the SOT-89 package of the 2SB1308?
    • ⤷ How does the power dissipation change when using a heat sink vs. a standard PCB mount?
    • ⤷ Can this transistor be used in a 12V automotive switching circuit?