2SB1205-R
AI

The **2SB1205-R** is a high-current, low-saturation voltage PNP epitaxial planar silicon transistor. It is widely used in power management and switching applications due to its high efficiency and compact form factor.
---
## 1. Key Specifications
The 2SB1205-R is designed for high-speed switching and power amplification. Below are its primary electrical characteristics:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-to-Base Voltage | $V_{CBO}$ | -60 | V |
| Collector-to-Emitter Voltage | $V_{CEO}$ | -50 | V |
| Emitter-to-Base Voltage | $V_{EBO}$ | -6 | V |
| Collector Current (DC) | $I_C$ | -5 | A |
| Collector Current (Pulse) | $I_{CP}$ | -8 | A |
| Collector Dissipation ($T_c=25^\circ C$) | $P_C$ | 15 | W |
| DC Current Gain (hFE) | $h_{FE}$ | 100 to 200 | (R Rank) |
---
## 2. Features and Benefits
* **Low Saturation Voltage:** It features a very low collector-to-emitter saturation voltage ($V_{CE(sat)}$), which minimizes power loss during high-current operation.
* **High Current Capacity:** Despite its relatively small package (TP/TP-FA), it can handle a continuous current of up to -5A.
* **High-Speed Switching:** It has a high gain-bandwidth product ($f_T$) of approximately 120 MHz, making it suitable for fast switching circuits.
* **Complementary Pair:** The NPN complement to this transistor is the **2SD1804**.
---
## 3. Package and Pinout
The 2SB1205-R is typically found in **TP** (through-hole) or **TP-FA** (surface mount) packages, which are equivalent to the DPAK (TO-252) standards.
### Pin Configuration:
1. **Base (B):** The control terminal.
2. **Collector (C):** The output terminal (often connected to the metal tab for heat dissipation).
3. **Emitter (E):** The common terminal.
---
## 4. Common Applications
Due to its robust current handling and low loss, it is commonly found in:
* **Voltage Regulators:** Used in linear and switching power supplies.
* **Relay Drivers:** Driving high-current solenoids or relays from low-power logic.
* **Motor Control:** Small DC motor speed and direction control.
* **Converter Circuits:** DC-to-DC converters and inverters.
---
- ⤷
What are the main differences between the R
- ⤷ S
- ⤷ and T gain ranks for this transistor?
- ⤷ Can you provide a basic circuit diagram for using the 2SB1205-R as a high-side switch?
- ⤷ What is the maximum operating junction temperature for this component?