công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SB1189-R

  • AI
    ## Overview of the 2SB1189-R The **2SB1189-R** is a high-performance **PNP Epitaxial Planar Silicon Transistor**. It is primarily designed for use in power amplification and power switching applications where low saturation voltage and high current handling are required. --- ### 1. Key Specifications and Characteristics The following table highlights the absolute maximum ratings and electrical characteristics of the 2SB1189-R (at $T_a = 25^\circ C$). | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -80 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -80 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5 | V | | Collector Current (DC) | $I_C$ | -0.7 | A | | Collector Power Dissipation | $P_C$ | 0.5 to 2.0* | W | | Junction Temperature | $T_j$ | 150 | °C | *\*Note: Power dissipation depends significantly on the mounting substrate/heatsink.* --- ### 2. DC Current Gain Classification The "R" suffix in **2SB1189-R** refers to the specific $h_{FE}$ (DC current gain) ranking. Manufacturers typically categorize this part into gain bands: * **Rank Q:** 120 to 270 * **Rank R:** **180 to 390** (This specific part) * **Rank S:** 270 to 560 --- ### 3. Features and Benefits * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.2V$ at $I_C = -500mA$, which reduces power loss and heat generation. * **High Speed:** Excellent switching characteristics, making it suitable for high-frequency small-signal processing. * **Complementary Pair:** The NPN complement to this transistor is the **2SD1766**. * **Package Type:** Usually found in an **SOT-89** (also known as MPT3) surface-mount package, ideal for compact electronic designs. --- ### 4. Common Applications Due to its robust voltage rating and gain efficiency, the 2SB1189-R is commonly used in: 1. **Voltage Regulators:** Acting as a pass transistor in linear power supplies. 2. **Relay Drivers:** High current gain allows it to be driven directly by logic gates to switch mechanical relays. 3. **Audio Amplifiers:** Used in the driver stages of low-to-medium power audio systems. 4. **DC-DC Converters:** Employed in switching circuits for power management. --- ### 5. Terminal Configuration (SOT-89) When looking at the front (labeled side) of the SOT-89 package with the pins pointing down: 1. **Base (B):** Left Pin 2. **Collector (C):** Middle Pin (also connected to the large heat-sink tab) 3. **Emitter (E):** Right Pin
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2SB1189-R and its NPN complement 2SD1766?
    • ⤷ How does the SOT-89 package affect the thermal management of this transistor?
    • ⤷ Can the 2SB1189-R be used in a PWM motor control circuit?