công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SB1184-R

  • AI
    ## Technical Overview of 2SB1184-R The **2SB1184-R** is a Silicon PNP Epitaxial Planar Transistor designed primarily for power amplification and high-current switching applications. It is frequently paired with its NPN complement, the **2SD1760**. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics for the 2SB1184-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -50 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5 | V | | Collector Current (DC) | $I_C$ | -3 | A | | Collector Current (Pulse) | $I_{CP}$ | -4.5 | A | | Collector Power Dissipation | $P_C$ | 15 (with heatsink) | W | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. The "R" Classification The suffix **"R"** refers to the **hFE (DC Current Gain)** rank of the transistor. This categorization ensures consistency in circuit performance: | Rank | hFE Range | | :--- | :--- | | **R** | **100 to 200** | | Q | 160 to 320 | --- ### 3. Physical Packaging The 2SB1184-R typically comes in a **TO-252 (DPAK)** or **TO-126** package, making it suitable for surface-mount (SMD) or through-hole designs where space is limited but power handling is required. **Pin Configuration:** 1. **Base (B)**: Controls the flow of current. 2. **Collector (C)**: Connected to the load (negative side). 3. **Emitter (E)**: Usually connected to the positive supply in PNP switching. --- ### 4. Applications and Use Cases * **Power Amplification:** Used in the output stages of audio amplifiers. * **Switching Regulators:** High current capacity allows it to act as a switch for motors or relays. * **DC-DC Converters:** Efficiently manages power conversion due to low saturation voltage. * **Driver Circuits:** Acting as a driver for high-power transistors. --- ### 5. Equivalent Replacement Parts If the 2SB1184-R is unavailable, the following parts are often used as substitutes (verify pinouts before use): * **MJD127** (Darlington, higher gain) * **BD132** or **BD140** (Standard power PNP) * **2SB1188** (Similar characteristics in different packaging)
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the 2SB1184-R?
    • ⤷ How does the power dissipation change without a heatsink?
    • ⤷ What are the specific soldering precautions for the TO-252 package?