công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SB1181-R

  • AI
    The **2SB1181-R** is a high-power, Silicon PNP Epitaxial Planar Transistor. It is primarily designed for power amplification and switching applications. Below is a detailed breakdown of its specifications, characteristics, and usage. --- ### 1. Key Specifications The 2SB1181-R is known for its high current capacity and low saturation voltage. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -80 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -80 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5 | V | | Collector Current (DC) | $I_C$ | -2 | A | | Collector Current (Pulse) | $I_{CP}$ | -3 | A | | Collector Power Dissipation | $P_C$ | 1 to 10* | W | *\*Note: Power dissipation varies significantly depending on whether it is mounted on a PCB or a specific heat sink.* --- ### 2. The "R" Classification The suffix **"R"** refers to the **hFE (Current Gain)** rank of the transistor. This categorization ensures consistency in circuit performance: * **Rank R:** 100 to 200 hFE * **Rank Q:** 120 to 270 hFE (Alternative) * **Rank P:** 82 to 180 hFE (Alternative) --- ### 3. Features & Physical Characteristics * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.4V$ at $I_C = -1A$. This minimizes power loss and heat generation during switching. * **High Current:** Can handle a continuous 2 Amperes, making it robust for driving motors or large LED arrays. * **Package Type:** Commonly found in the **ATV** or **SOT-89** (surface mount) or **TO-252 (DPAK)** packages, depending on the manufacturer (often ROHM Semiconductor). --- ### 4. Typical Applications The 2SB1181-R is versatile and used in the following scenarios: 1. **Voltage Regulation:** Used in linear regulators to manage power output. 2. **Relay Drivers:** Because of the -2A rating, it can easily trigger heavy-duty mechanical relays. 3. **Audio Amplification:** Employed in the output stage of small to medium audio amplifiers. 4. **DC-DC Converters:** Acts as a high-speed switch in power conversion circuits. --- ### 5. Complementary Pair In push-pull amplifier circuits or H-bridge motor drivers, the PNP 2SB1181 is often paired with an NPN transistor to handle both halves of the waveform/signal. * **Complementary NPN:** **2SD1758** ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for a 2SB1181-R?
    • ⤷ How does the power dissipation change when using an SOT-89 vs a TO-252 package?
    • ⤷ Can you provide a basic circuit diagram for using this transistor as a switch?