công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SB1121-R

  • AI
    The **2SB1121-R** is a high-performance, PNP epitaxial planar silicon transistor designed primarily for high-speed switching and general-purpose amplification. It is commonly used in circuits requiring low saturation voltage and high current handling in a small package. --- ### ## 1. Key Specifications The following table summarizes the absolute maximum ratings and electrical characteristics for the 2SB1121-R. | Parameter | Symbol | Rating / Value | | :--- | :--- | :--- | | **Type** | PNP | Silicon Transistor | | **Collector-to-Base Voltage** | $V_{CBO}$ | -30 V | | **Collector-to-Emitter Voltage** | $V_{CEO}$ | -25 V | | **Emitter-to-Base Voltage** | $V_{EBO}$ | -6 V | | **Collector Current (DC)** | $I_C$ | -2 A | | **Collector Current (Pulse)** | $I_{CP}$ | -5 A | | **Collector Dissipation** | $P_C$ | 500 mW (at $T_a=25^\circ C$) | | **DC Current Gain ($h_{FE}$)** | $h_{FE}$ | 100 to 560 (R-rank: 100-200) | | **Package Type** | SOT-89 / PCP | Surface Mount | --- ### ## 2. Feature Analysis The 2SB1121-R is distinguished by several technical advantages: * **Low Saturation Voltage:** It features a very low $V_{CE(sat)}$, which means minimal power loss when the transistor is fully "on." * **High Current Capacity:** Despite its small footprint, it can handle a continuous collector current of up to 2 Amps. * **Fast Switching:** Optimized for applications that require rapid transitions between the ON and OFF states. * **The "R" Suffix:** In transistor nomenclature, the "R" usually indicates the specific **hFE (Gain) classification**. For this part, the R-rank typically signifies a gain range of **100 to 200**. --- ### ## 3. Common Applications Due to its high current and low voltage characteristics, it is frequently found in: 1. **Voltage Regulators:** Used in series pass or shunt regulation. 2. **Relay Drivers:** Ideal for driving mechanical relays or solenoids from low-power logic. 3. **DC-DC Converters:** Used as a switching element in power conversion. 4. **Audio Amplifiers:** Suitable for driver stages in portable audio equipment. --- ### ## 4. Pin Configuration (SOT-89) ```text _______ | 2 | <-- Large Tab (Collector) __|_______|__ | 1 2 3 | |__|___|___|__| | | | B C E ``` 1. **Base (B)** 2. **Collector (C)** (Connected to the center pin and the large cooling tab) 3. **Emitter (E)**
    ✨ Follow-up Questions
    • ⤷ What is the NPN complementary pair for the 2SB1121-R?
    • ⤷ How does the 'R' gain ranking compare to the 'S' or 'T' rankings?
    • ⤷ What are the thermal considerations when running this transistor at its 2A limit?