2SB1119-R
AI

## 2SB1119-R: High-Current PNP Epitaxial Planar Silicon Transistor
The **2SB1119-R** is a high-performance PNP power transistor designed primarily for high-current switching applications. It is part of the Sanyo (now ON Semiconductor) family of transistors and is known for its low saturation voltage and high speed.
---
### 1. General Specifications
The "R" suffix typically refers to the **hFE (DC Current Gain)** classification range, ensuring specific performance characteristics within a circuit.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -30 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -25 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -7 | V |
| Collector Current (DC) | $I_C$ | -4 | A |
| Collector Current (Pulse) | $I_{CP}$ | -7 | A |
| Total Power Dissipation | $P_C$ | 1.3 to 15* | W |
| Junction Temperature | $T_j$ | 150 | °C |
*\*Note: 1.3W in free air; up to 15W with a suitable heat sink.*
---
### 2. Key Features
* **Low Saturation Voltage:** $V_{CE(sat)}$ is remarkably low, typically around -0.5V at $I_C = -2A$, which reduces power loss and heat generation.
* **High Current Capacity:** Despite its relatively small footprint, it can handle a continuous DC current of up to 4 Amps.
* **High-Speed Switching:** Optimized for applications requiring rapid transitions between ON and OFF states.
* **Complementary Pair:** Its NPN counterpart is the **2SD1619**.
---
### 3. Pin Configuration (Typical TO-126 / TP Package)
Most 2SB1119 transistors come in a through-hole package like the TO-126 or TP-FA.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Emitter** | Current exits the transistor. |
| 2 | **Collector** | Connected to the load. |
| 3 | **Base** | Controls the transistor's state. |
---
### 4. Common Applications
Due to its high current handling and low saturation, the 2SB1119-R is frequently found in:
1. **Voltage Regulators:** Used in linear or switching power supplies.
2. **Relay Drivers:** High current capacity allows it to drive large mechanical relays.
3. **Motor Control:** Small DC motor speed and direction control (H-bridges).
4. **Audio Amplifiers:** Used in the output stage or driver stage of power amplifiers.
---
### 5. Gain Classification (hFE)
The "R" designation specifies the DC current gain range:
```text
Classification: R
hFE Range: 100 to 200
```
- ⤷
What is the difference between the 2SB1119-R and its NPN counterpart 2SD1619?
- ⤷ Can the 2SB1119-R be replaced with a TIP42C in most circuits?
- ⤷ How does heat sinking affect the maximum collector current of this transistor?