công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SA1576A-R

  • AI
    ## Overview of the 2SA1576A-R The **2SA1576A-R** is a high-frequency, general-purpose **PNP Epitaxial Planar Silicon Transistor**. It is primarily designed for small-signal amplification and switching applications. The "R" suffix typically denotes the **hFE (DC Current Gain)** classification rank. --- ### 1. Key Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics at $T_a = 25^\circ C$: | Parameter | Symbol | Rating / Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -6 | V | | **Collector Current** | $I_C$ | -150 | mA | | **Power Dissipation** | $P_D$ | 200 | mW | | **Junction Temperature** | $T_j$ | 150 | °C | | **DC Current Gain (hFE)** | $h_{FE}$ | 180 to 390 (Rank R) | - | --- ### 2. Physical and Packaging Features * **Package Type:** Usually comes in the **SOT-23** (or SC-59/EMT3 depending on the manufacturer, like ROHM) surface-mount package. * **Small Footprint:** Designed for high-density mounting on PCBs. * **Complementary Part:** The NPN counterpart for this transistor is the **2SC4081**. --- ### 3. Pin Configuration The SOT-23 package typically follows this standard pinout: 1. **Base (B):** Controls the flow of current between Emitter and Collector. 2. **Emitter (E):** The source of charge carriers (for PNP, holes). 3. **Collector (C):** The terminal through which the current leaves the transistor. --- ### 4. Typical Applications * **Small Signal Amplification:** Used in audio pre-amps or sensor signal conditioning. * **Switching:** Suitable for driving small loads like LEDs or acting as a logic gate interface. * **High Frequency:** Due to its low collector capacitance ($C_{ob}$), it performs well in high-frequency oscillation and amplification circuits. --- ### 5. Gain (hFE) Classifications The 2SA1576A is often categorized by its current gain into three specific ranks: * **Q:** 120 – 270 * **R:** 180 – 390 (This specific part) * **S:** 270 – 560
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 2SA1576A and its NPN complement
    • ⤷ the 2SC4081?
    • ⤷ Can this transistor be used in high-speed switching circuits?
    • ⤷ What are the recommended soldering conditions for the SOT-23 package?