công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SA1417-R

  • AI
    ## Technical Overview: 2SA1417-R PNP Transistor The **2SA1417-R** is a high-speed, high-voltage PNP epitaxial planar silicon transistor. It is primarily designed for high-definition CRT display horizontal deflection output and high-speed switching applications. --- ### 1. Key Features * **High Speed:** Optimized for fast switching transitions. * **High Breakdown Voltage:** Suitable for circuits involving higher voltage potentials. * **Low Saturation Voltage:** Ensures efficiency by minimizing power loss during the "ON" state. * **Complementary Pair:** Often used alongside the **2SC3647** (NPN version). --- ### 2. Absolute Maximum Ratings ($T_a = 25^\circ C$) | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-to-Base Voltage | $V_{CBO}$ | -120 | V | | Collector-to-Emitter Voltage | $V_{CEO}$ | -100 | V | | Emitter-to-Base Voltage | $V_{EBO}$ | -6 | V | | Collector Current (DC) | $I_C$ | -2 | A | | Collector Current (Pulse) | $I_{CP}$ | -3 | A | | Total Device Dissipation | $P_C$ | 1.0 | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### 3. Electrical Characteristics (The "R" Suffix) The "R" in the part number specifically refers to the **hFE (DC Current Gain)** classification. Transistors in this series are binned based on their gain range: | Rank | hFE Range | | :--- | :--- | | **R** | **100 to 200** | | S | 140 to 280 | | T | 200 to 400 | --- ### 4. Typical Applications 1. **Horizontal Deflection:** Used in legacy CRT monitors and television sets. 2. **Power Supplies:** Specifically in the switching regulators and DC-DC converters. 3. **High-Speed Drivers:** Driving relays, solenoids, or high-power LEDs. 4. **Audio Amplifiers:** Used in the output or driver stages of power amplifiers. --- ### 5. Package Information The 2SA1417 typically comes in a **PCP (Process Control Package)**, which is a surface-mount package similar to SOT-89. This allows for a compact footprint while maintaining decent thermal dissipation. ```text Pinout Diagram (Typical SOT-89/PCP): 1. Base (B) 2. Collector (C) - Also the large tab 3. Emitter (E) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the 2SA1417-R?
    • ⤷ How does the 'R' gain rank impact circuit performance?
    • ⤷ Can this transistor be used in modern PWM motor control circuits?