công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2SA1037-R

  • AI
    ## Technical Overview of the 2SA1037-R The **2SA1037-R** is a Silicon PNP Epitaxial Planar Transistor designed primarily for general-purpose switching and amplification applications. It is frequently used in small-signal circuits due to its compact surface-mount design and reliable performance. --- ### 1. Key Specifications The following table outlines the absolute maximum ratings and electrical characteristics for the 2SA1037-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -6 | V | | **Collector Current** | $I_C$ | -150 | mA | | **Power Dissipation** | $P_d$ | 200 | mW | | **DC Current Gain** | $h_{FE}$ | 180 to 390 | (Rank R) | | **Package Type** | SOT-23 | - | - | --- ### 2. Features and Characteristics * **Complementary Pair:** Its NPN complement is the **2SC2412-R**. Using these together is ideal for push-pull amplifier stages. * **High Reliability:** It features low collector-emitter saturation voltage ($V_{CE(sat)}$), typically around -0.5V max at $I_C = 50mA$. * **Small Form Factor:** Packaged in an **SC-59** or **SOT-23** package, making it suitable for high-density surface mount (SMT) PCB designs. * **hFE Ranking:** The "R" suffix indicates a specific DC current gain range, typically between **180 and 390**. Other versions include Q (120-270) and S (270-560). --- ### 3. Pin Configuration (SOT-23) The device typically follows the standard SOT-23 pinout: 1. **Base (B):** Controls the current flow between Emitter and Collector. 2. **Emitter (E):** The source of charge carriers (holes for PNP). 3. **Collector (C):** Where the current exits the transistor. --- ### 4. Typical Applications The 2SA1037-R is versatile and commonly found in: * **Signal Amplification:** Low-noise pre-amplifier stages. * **Switching:** Driving small loads like LEDs or activating relays (low-side switching). * **Interface Circuits:** Level shifting between different voltage rails in digital logic. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 2SA1037 and its NPN complement 2SC2412?
    • ⤷ How does the 'R' suffix impact the circuit design compared to the 'S' suffix?
    • ⤷ Can you provide a basic circuit diagram for using the 2SA1037 as a switch?