2RS-64-R
AI

The **2RS-64-R** typically refers to a high-density, high-performance **VMEbus (Versatile Backplane Bus)** memory module or a specialized storage carrier board used in embedded computing and industrial automation.
Below is a detailed breakdown of its technical characteristics and internal components.
---
## 1. Technical Specifications
The 2RS-64-R is designed for rugged environments where data integrity and high-speed access are critical.
| Feature | Description |
| :--- | :--- |
| **Architecture** | VMEbus Standard (usually 6U form factor) |
| **Capacity** | 64 Megabytes (MB) of high-speed RAM |
| **Interface** | Parallel Bus (VME64 support) |
| **Access Time** | Low latency, typically sub-100ns range |
| **Reliability** | Built with ECC (Error Correction Code) logic |
| **Compliance** | RoHS compliant (indicated by the "-R" suffix) |
---
## 2. Key Electronic Components
The board consists of several layers of integrated circuits (ICs) that manage data flow and storage:
### A. Memory Array (DRAM/SRAM)
* **Storage Cells:** The heart of the module, consisting of multiple high-density memory chips (often CMOS technology) arranged in banks to reach the 64MB capacity.
* **Refresh Circuitry:** Integrated logic to maintain data charge in volatile memory cells.
### B. VMEbus Interface Logic
* **Transceivers:** High-speed buffer chips that manage the signal voltage levels between the backplane and the internal memory bus.
* **Address Decoders:** Logic gates that identify when the CPU is targeting a specific memory address range on this specific board.
### C. Error Correction & Control (ECC)
* **EDAC Controller:** (Error Detection and Correction) A specialized chip or FPGA implementation that calculates parity bits to detect and fix single-bit errors, preventing system crashes in high-radiation or high-interference environments.
### D. Power Management
* **Decoupling Capacitors:** Small ceramic capacitors placed near every IC to filter high-frequency noise and provide local energy reservoirs.
* **Voltage Regulators:** Converts the standard VME backplane voltages (typically +5V) to the lower voltages required by the modern memory chips (e.g., 3.3V).
---
## 3. Physical & Environmental Attributes
The "R" in the part number often signifies **RoHS Compliance**, meaning the electronics are manufactured without lead, mercury, or cadmium.
* **Form Factor:** 6U VME (Standard industrial rack size).
* **Thermal Management:** Often includes large copper ground planes within the PCB to act as a heat sink.
* **Connectors:** High-pin-count DIN 41612 connectors for robust physical connection to the backplane.
---
## 4. Typical Applications
1. **Industrial Automation:** Serving as a buffer for high-speed sensor data.
2. **Military/Aerospace:** Used in legacy mission computers where VME architecture is the standard.
3. **Scientific Research:** Data acquisition systems in particle physics or telecommunications.
- ⤷
What is the specific manufacturer for the 2RS-64-R module?
- ⤷ How does VME64 compare to the original VMEbus standard in terms of speed?
- ⤷ What are the common failure points in VME memory modules?