công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2RHCD-R

  • AI
    The term **2RHCD-R** typically refers to a specific naming convention used for **Power Inductors**, specifically those produced by manufacturers like Sumida or various generic electronics component suppliers. These are surface-mount devices (SMD) used primarily in power management circuits. --- ### 1. Component Overview: SMD Power Inductors The "2RHCD" series is part of the **Magnetically Shielded** family of inductors. These are designed to handle high currents while minimizing electromagnetic interference (EMI) with surrounding components. ### 2. Breakdown of the Part Name While naming conventions can vary slightly by brand, the code generally breaks down as follows: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **2R** | Series Type | Refers to the physical structure and winding style. | | **HCD** | High Current Design | Indicates the part is optimized for higher saturation currents. | | **R** | Packaging/Shielding | Often denotes "Reel" packaging or "Magnetically Shielded" construction. | --- ### 3. Key Technical Specifications These components are critical in DC-DC converters (Buck/Boost converters). Their performance is defined by: * **Inductance Value:** Measured in Microhenries (µH). * **DC Resistance (DCR):** The internal resistance of the copper wire. Lower DCR leads to higher efficiency. * **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 30%). * **Magnetic Shielding:** The core is enclosed in a ferrite housing to prevent flux leakage. --- ### 4. Typical Applications The 2RHCD-R series is commonly found in: 1. **Consumer Electronics:** Laptops, tablets, and smartphones. 2. **Power Supplies:** Point-of-Load (POL) converters. 3. **LED Drivers:** Providing steady current to high-brightness LEDs. 4. **Automotive:** Infotainment systems and dashboard controls. ### 5. Common Example: 2RHCD74R One of the most common variations is the **74R** size (approx. 7.3 x 7.3 x 4.5 mm). ```yaml Example Specs for 2RHCD74R-100M: - Inductance: 10 µH - Tolerance: ±20% (M) - DCR (Max): 0.049 Ohms - Saturation Current: 1.84 Amps ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 2RHCD series compared to standard inductors?
    • ⤷ How does magnetic shielding in these parts improve circuit performance?
    • ⤷ Can you explain the difference between Saturation Current and Temperature Rise Current?