2N65LL-TN3-R
AI

The **2N65LL-TN3-R** is a specific part number for a Power MOSFET, typically manufactured by UTC (Unisonic Technologies). This component is designed for high-voltage, high-speed switching applications.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **2N65** | Refers to the series (2 Amps, 650 Volts). |
| **LL** | Low Gate Charge / Low Leakage version. |
| **TN3** | Package Type: TO-252 (D-PAK). |
| **R** | Tape & Reel packaging. |
---
### 2. Key Technical Specifications
The "2N65" series generally follows these electrical parameters:
* **Drain-Source Voltage ($V_{DSS}$):** 650V
* *High voltage rating suitable for AC/DC converters.*
* **Continuous Drain Current ($I_D$):** 2.0A
* *Maximum current the device can handle at 25°C.*
* **Static Drain-Source On-Resistance ($R_{DS(ON)}$):** ~4.0Ω to 5.0Ω
* *Lower resistance leads to less heat dissipation during operation.*
* **Gate Charge ($Q_g$):** Low
* *Allows for faster switching speeds and reduced drive power requirements.*
---
### 3. Physical Package (TO-252 / D-PAK)
The **TN3** suffix indicates the **TO-252** package, which is a surface-mount device (SMD).
* **Compact size:** Ideal for high-density PCB designs.
* **Heat Dissipation:** Includes a large metal tab (connected to the Drain) to be soldered to the PCB for thermal management.
* **Pin Configuration:**
1. Gate
2. Drain (connected to the thermal tab)
3. Source
---
### 4. Common Applications
Due to its 650V rating and 2A capacity, this MOSFET is frequently used in:
* **Switch Mode Power Supplies (SMPS):** Used as the primary switching element.
* **LED Drivers:** Controlling power to high-voltage LED strings.
* **Electronic Ballasts:** For lighting equipment.
* **DC-DC Converters:** High-efficiency power conversion.
---
### 5. Equivalent/Alternative Parts
If this specific UTC part is unavailable, common equivalents with similar specs include:
* **STD2N65M2** (STMicroelectronics)
* **FQPF2N65C** (onsemi - though package may vary)
* **SPD02N65** (Infineon)
- ⤷
What are the heat dissipation requirements for the TO-252 package in this MOSFET?
- ⤷ How does the 'LL' low gate charge version compare to the standard 2N65 version?
- ⤷ Can this MOSFET be used directly with a 3.3V microcontroller signal?