2N60-TF3-R
AI

## 2N60-TF3-R Technical Overview
The **2N60-TF3-R** is a high-voltage N-Channel enhancement mode Power MOSFET designed for high-speed switching applications. It is widely used in power supplies, motor controls, and DC-to-DC converters due to its low gate charge and efficient switching characteristics.
### 1. General Specifications
The table below summarizes the primary electrical characteristics of the 2N60-TF3-R.
| Parameter | Symbol | Value | Unit |
| :--- | :---: | :---: | :---: |
| Drain-Source Voltage | $V_{DSS}$ | 600 | V |
| Continuous Drain Current | $I_D$ | 2.0 | A |
| Pulsed Drain Current | $I_{DM}$ | 8.0 | A |
| Gate-Source Voltage | $V_{GSS}$ | $\pm 30$ | V |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 4.4 | $\Omega$ |
| Total Gate Charge | $Q_g$ | 9.0 | nC |
---
### 2. Physical and Package Characteristics
The suffix **TF3** typically refers to the package type, while **R** denotes the packing style (e.g., Tape and Reel).
* **Package Type:** TO-220F (Full Pack/Isolated).
* **Isolation:** The "F" in TO-220F indicates an internally insulated package, meaning the metal tab is covered in plastic. This prevents short circuits to the heatsink without needing an extra mica washer.
* **Thermal Resistance:** $R_{\theta JC}$ is approximately $5.0 ^\circ \text{C/W}$.
---
### 3. Pin Configuration
The device follows the standard three-pin layout for power MOSFETs:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate** (G) | Controls the flow of current between Drain and Source. |
| 2 | **Drain** (D) | The terminal where the current enters (connected to the load). |
| 3 | **Source** (S) | The terminal where the current exits (connected to ground). |
---
### 4. Key Features & Applications
#### Features
* **Low Gate Charge:** Minimizes switching losses and allows for high-frequency operation.
* **Ruggedness:** Designed to withstand high energy in the avalanche and commutation modes.
* **High Speed:** Fast switching times ($t_{on}/t_{off}$).
#### Typical Applications
1. **SMPS (Switching Mode Power Supplies):** Used in the primary stage for AC-DC conversion.
2. **LED Lighting:** Constant current drivers for high-voltage LED strings.
3. **DC-DC Converters:** Efficient voltage regulation in industrial equipment.
4. **Electronic Ballasts:** Used in fluorescent lighting circuits.
---
### 5. Equivalent/Alternative Parts
If the 2N60-TF3-R is unavailable, common equivalents include:
* **FDPF2N60:** Fairchild/OnSemi equivalent in TO-220F.
* **STD2N60:** STMicroelectronics version (check package).
* **SSS2N60B:** Fairchild alternative.
- ⤷
What are the specific advantages of the TO-220F package over the standard TO-220 for this MOSFET?
- ⤷ Can you explain the significance of the 4.4 Ohm Rds(on) value in terms of heat generation?
- ⤷ How does the gate charge (Qg) affect the choice of a gate driver circuit?