công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2MC04-059-05AN

  • AI
    The part number **2MC04-059-05AN** typically refers to a specialized **Thermoelectric Cooler (TEC)** or **Peltier Module**, often manufactured by companies like **TEC Microsystems**. These components are used for precise temperature control in optoelectronic and microelectronic applications. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for this specific series/model: | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | Bismuth Telluride ($Bi_2Te_3$) | | **Type** | Two-stage (Multi-stage) Cascade | | **Max Temperature Differential ($\Delta T_{max}$)** | ~90°C to 105°C (in vacuum) | | **Max Cooling Capacity ($Q_{max}$)** | ~0.5W to 1.2W (depending on heat sink) | | **Max Current ($I_{max}$)** | ~0.8A to 1.2A | | **Max Voltage ($U_{max}$)** | ~4.5V to 5.5V | | **Surface Finish** | Alumina ($Al_2O_3$) or Aluminum Nitride (AlN) | --- ### 2. Physical Construction The "2MC" prefix indicates a **Two-Stage** construction. Unlike standard single-stage Peltier tiles, this module stacks two layers of thermoelectric couples: 1. **Bottom Stage:** Larger area to handle the heat load from the top stage plus its own electrical heat. 2. **Top Stage:** Smaller area to achieve much lower temperatures than a single-stage device could reach. 3. **Gold Plating/Metallization:** The "AN" suffix often denotes specific finishing options, such as gold-plated external buffers or specific mounting pads for soldering into TO-style headers (like TO-8 or TO-3 packages). --- ### 3. Key Features * **High Temperature Differential:** Because it is a 2-stage module, it can achieve a much higher temperature difference ($\Delta T$) between the hot and cold sides compared to standard 1-stage coolers. * **Sub-miniature Size:** Designed for "deep cooling" of small components like laser diodes or infrared sensors. * **Reliability:** Built for long-term stability in telecom and aerospace environments. --- ### 4. Common Applications This part is commonly integrated into the following systems: * **Telecom Laser Diodes:** Keeping the laser wavelength stable by maintaining a constant temperature. * **Infrared (IR) Detectors:** Cooling sensors to reduce thermal noise and increase sensitivity. * **Laboratory Instrumentation:** Used in CCD cameras or micro-PCR thermal cyclers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a single-stage and a multi-stage Peltier module?
    • ⤷ How do you calculate the required heat sink for the 2MC04-059-05AN?
    • ⤷ What are the soldering requirements for the 'AN' finish on this module?