công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2JS500-R

  • AI
    The **2JS500-R** is a specific type of high-performance electromagnetic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Pulse/Signal Transformer**, depending on the specific manufacturer series (often associated with brands like Sumida or similar magnetic component specialists). Below is a breakdown of the electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is designed for high-density circuit boards where space and power efficiency are critical. | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor / Magnetic Part | | **Inductance Range** | Typically 500µH (indicated by the "500" code) | | **Mounting Type** | Surface Mount (SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite | | **Operating Temp** | -40°C to +125°C (Standard industrial grade) | --- ### 2. Key Electronic Functions The 2JS500-R serves several critical roles within an electronic circuit: * **Energy Storage:** In DC-DC converters, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. * **Filtering:** It acts as a low-pass filter, smoothing out ripples in current and protecting sensitive downstream components from noise. * **EMI Suppression:** Because it is usually "shielded" (the "S" in many naming conventions), it prevents magnetic flux from interfering with nearby components on the PCB. * **Impedance Matching:** In signal applications, it helps match the impedance between different circuit stages to ensure maximum power transfer. --- ### 3. Physical Construction The "R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances) or "Reel" packaging for automated pick-and-place assembly. * **Winding:** Copper wire wound around a ferrite drum core. * **Base:** Heat-resistant molded base with solderable lead terminals. * **Encapsulation:** Often coated with an epoxy resin or enclosed in a ferrite sleeve to provide the magnetic shielding. --- ### 4. Common Applications You will typically find the 2JS500-R in the following devices: 1. **Power Supplies:** Switching regulators and point-of-load (POL) modules. 2. **Consumer Electronics:** Laptops, tablets, and high-end LED drivers. 3. **Industrial Equipment:** Control boards that require stable current filtration. 4. **Telecommunications:** Signal filtering in networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 2JS500-R series?
    • ⤷ How does magnetic shielding in the 2JS500-R improve PCB performance?
    • ⤷ Are there direct equivalents for the 2JS500-R from other manufacturers?