công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2CW032180JL-R

  • AI
    The part number **2CW032180JL-R** refers to a high-power, thick film chip resistor, typically manufactured by **ASJ (ASJ Holdings)** or similar specialty resistor manufacturers. These components are designed for high-reliability applications where high power dissipation is required in a relatively small surface-mount package. --- ### 1. Part Number Breakdown While specific manufacturer codes may vary slightly, here is the standard decoding for this series: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | 2CW | High Power / Wide Terminal Thick Film Resistor | | **Size** | 0321 | Imperial 1206 size (or metric 3216 equivalent) | | **Resistance** | 80J | 80 Ohms (J = 5% Tolerance) | | **Packaging** | L-R | Taping & Reel (Lead-Free / RoHS compliant) | --- ### 2. Key Technical Specifications Below are the estimated technical parameters for this specific component: | Feature | Value / Range | | :--- | :--- | | **Resistance Value** | 80 $\Omega$ | | **Tolerance** | $\pm 5\%$ | | **Power Rating** | 1 Watt (Enhanced power handling due to "2CW" design) | | **Temperature Coefficient** | $\pm 100$ ppm/°C to $\pm 200$ ppm/°C | | **Operating Temp** | -55°C to +155°C | | **Technology** | Thick Film on Alumina Substrate | --- ### 3. Key Electronic Characteristics * **High Power Dissipation:** Unlike standard 1206 resistors (which are typically rated for 0.25W), the "2CW" series utilizes a "Wide Terminal" or enhanced thermal management design to reach 1W or higher. * **Thermal Management:** The large terminal area allows heat to transfer more efficiently from the resistive element to the PCB copper traces. * **Sulfuration Resistance:** Many parts in this series are designed to resist silver sulfuration, making them suitable for harsh industrial environments. ### 4. Common Applications Due to its high power-to-size ratio, the **2CW032180JL-R** is frequently used in: 1. **LED Lighting Drivers:** Acting as a current limiter. 2. **Power Supplies:** Used in DC-DC converters and voltage regulation circuits. 3. **Automotive Electronics:** Engine control units and infotainment systems where space is limited but power needs are high. 4. **Battery Management Systems (BMS):** For cell balancing and current sensing. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical dimension difference between a standard 1206 and a wide-terminal 1206 resistor?
    • ⤷ Can this resistor be used in pulse-loading applications?
    • ⤷ Are there specific soldering profile requirements for wide-terminal resistors?