2AMLS3
AI

Based on the provided identifier **"2AMLS3"**, this corresponds to an **FCC ID** registered by **SZ DJI TECHNOLOGY CO., LTD**.
This specific FCC ID is associated with the **DJI RC-N1 Remote Controller** (specifically the hardware internal to the 2.4GHz/5.8GHz transmission systems used for drones like the Mavic 3, Air 2S, and Mini 2).
---
## 1. Device Overview
The 2AMLS3 refers to the radio communication module within the **RC-N1 Remote Controller**. It serves as the primary ground station link between the pilot and the Unmanned Aerial Vehicle (UAV).
### Technical Specifications
| Feature | Details |
| :--- | :--- |
| **FCC ID** | 2AMLS3 |
| **Frequency Range** | 2.400 - 2.4835 GHz / 5.725 - 5.850 GHz |
| **Max Output Power** | Approx. 26 dBm (2.4G) / 26 dBm (5.8G) |
| **Modulation Type** | OFDM (Orthogonal Frequency Division Multiplexing) |
| **Transmission System** | OcuSync 2.0 / O3 (depending on firmware) |
---
## 2. Key Electronic Components
The internal PCB (Printed Circuit Board) of the 2AMLS3 device consists of several critical sub-systems:
### A. The RF Front-End (Radio Frequency)
* **Transceivers:** Highly integrated chips designed to handle the OcuSync protocol, switching between 2.4GHz and 5.8GHz to avoid interference.
* **Power Amplifiers (PA):** Boosts the outgoing signal to ensure long-range control (up to 10-12km in ideal conditions).
* **Low Noise Amplifiers (LNA):** Sensitive components that amplify the weak signals returning from the drone (telemetry and live video).
### B. Processing Unit
* **Main SoC:** A DJI-proprietary or semi-custom ARM-based processor that handles the video decoding, USB communication with the smartphone, and encryption of the control link.
* **Flash Memory & RAM:** Used for storing firmware and buffering the high-definition video stream before it is sent to the mobile device.
### C. Power Management
* **Li-ion Battery Cell:** Typically a 1S2P or 2S configuration (approx. 5200 mAh).
* **PMIC (Power Management IC):** Manages the charging via USB-C and distributes regulated voltages (3.3V, 1.8V, 1.2V) to the RF chips and processor.
---
## 3. Connectivity Interfaces
The electronics are designed to bridge the drone's wireless signal to a physical mobile device:
* **USB-C Port:** Used for both charging the internal battery and high-speed data transfer to the smartphone.
* **Antenna System:** Dual-polarized antennas integrated into the top housing (the "cradle" that holds the phone).
---
## 4. Compliance Information
The **2AMLS3** certification ensures the device meets FCC Part 15 subpart C/E requirements. This means the electronics are tested to:
1. Not cause harmful interference.
2. Accept any interference received.
3. Operate within the legal SAR (Specific Absorption Rate) limits for human exposure to RF.
- ⤷What is the maximum range supported by the 2AMLS3 radio module?
- ⤷ How does the OcuSync transmission system differ from standard Wi-Fi?
- ⤷ Can the 2AMLS3 firmware be modified for higher power output?