công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 277MDCL112KFF

  • AI
    The **277MDCL112KFF** is a high-performance **Metallized Polypropylene Film Capacitor**, specifically designed for DC-Link applications. These capacitors are critical in power electronics for smoothing DC voltage and buffering energy. --- ### 1. Technical Specifications Below are the primary technical characteristics of the 277MDCL112KFF: | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 270 µF (Microfarads) | | **Tolerance** | ±10% (denoted by 'K') | | **Voltage Rating** | 1100 VDC | | **Dielectric Material** | Metallized Polypropylene | | **Mounting Type** | Through-Hole / PCB Mount | | **Operating Temp** | -40°C to +105°C | | **Application** | DC-Link, Solar Inverters, EV Chargers | --- ### 2. Key Features * **Self-Healing Property:** Due to the metallized film construction, if a dielectric breakdown occurs, the metal layer evaporates around the point of failure, isolating the fault and allowing the capacitor to continue functioning. * **High Ripple Current Handling:** Designed to manage high-frequency currents without excessive heat buildup. * **Low ESR & ESL:** Low Equivalent Series Resistance (ESR) and Low Equivalent Series Inductance (ESL) ensure high efficiency and minimal voltage spikes during switching. * **Long Life Expectancy:** Polypropylene film capacitors generally offer a much longer operational life compared to electrolytic capacitors. --- ### 3. Construction and Internal Parts The component is composed of several critical layers and materials: 1. **Dielectric:** Polypropylene (PP) film acts as the insulating layer. 2. **Electrodes:** A thin layer of metal (typically Zinc or Aluminum) is vacuum-deposited directly onto the PP film. 3. **Encapsulation:** The internal "winding" is housed in a plastic case (often UL 94V-0 flame retardant) and filled with epoxy resin to protect against humidity and vibration. 4. **Terminals:** Tinned copper wire or lugs designed for high-current conductivity. --- ### 4. Common Applications This specific part is typically found in high-power conversion circuits: * **Renewable Energy:** DC-Link buffering in Solar and Wind inverters. * **Electric Vehicles (EV):** Inverters for motor drives and onboard charging systems. * **Industrial Power:** Uninterruptible Power Supplies (UPS) and Variable Frequency Drives (VFD).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a DC-Link capacitor and a standard decoupling capacitor?
    • ⤷ How does the 'self-healing' mechanism work in metallized film capacitors?
    • ⤷ What are the physical dimensions and lead spacing for the 277MDCL112KFF?