công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 27-AE3-R

  • AI
    The part number **27-AE3-R** typically refers to a specialized electronic component, most commonly identified as a **high-current terminal block** or a **power distribution connector**, often associated with brands like *Cooper Bussmann (Eaton)* or specialized power hardware manufacturers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The 27-AE3-R is designed for high-power electrical applications where secure, low-resistance connections are critical. The "-R" suffix often indicates compliance with **RoHS (Restriction of Hazardous Substances)** standards. ### 2. Technical Specifications While specific datasheets may vary slightly depending on the exact series, the general specifications for this class of component are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Junction Block | | **Current Rating** | Typically 30A to 150A (depending on wire gauge) | | **Voltage Rating** | Up to 600V AC/DC | | **Body Material** | Thermoplastic or Phenolic (High Heat Resistance) | | **Terminal Material** | Brass or Copper Alloy (Tin-Plated) | | **Number of Poles** | 1 to 3 (AE3 usually denotes a 3-pole configuration) | | **Mounting Type** | Surface Mount / Panel Mount | --- ### 3. Key Electronic Functions * **Power Distribution:** It acts as a central hub to split a single power input into multiple output circuits. * **Circuit Protection Integration:** Often used in conjunction with high-capacity fuses to protect downstream industrial electronics. * **Thermal Management:** The heavy-duty metal terminals are designed to dissipate heat generated by high current flow, preventing localized melting. ### 4. Common Applications This part is frequently found in industrial and heavy-duty environments: 1. **HVAC Systems:** Used for high-voltage power input to compressors and blowers. 2. **Industrial Control Panels:** Serving as the main entry point for 3-phase power. 3. **Electric Vehicles (EV) Charging:** Found in internal power distribution units (PDUs). 4. **Marine Electronics:** Used in battery management systems due to its robust physical construction. --- ### 5. Identification Checklist When sourcing or replacing a **27-AE3-R**, check the following: * **Wire Gauge (AWG):** Ensure the lug or screw terminal matches your wire size (e.g., 2-14 AWG). * **Torque Specs:** High-current parts require specific torque settings to prevent arcing. * **Spacing:** Check the "pitch" (distance between terminals) to ensure it meets safety clearance for your voltage level.
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque specification for the 27-AE3-R terminals?
    • ⤷ Can this component be used in 3-phase AC power systems?
    • ⤷ What are the specific dimensions for panel mounting this part?