AI

The part number **252010CDMCCDS-R33MC** refers to a high-performance **Power Inductor** manufactured by **Sumida**. This component is specifically designed for surface-mount technology (SMT) and is commonly used in DC-DC converters and power supply modules.
### Component Breakdown
The alphanumeric code follows Sumida's standard naming convention for the CDMC series:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **252010** | Case Size | Dimensions are approx. 2.5mm x 2.0mm x 1.0mm. |
| **CDMC** | Series | Low-profile, high-current power inductor series. |
| **CDS** | Construction | Typically denotes the internal structure/shielding style. |
| **R33** | Inductance | **0.33 µH** (Microhenries). |
| **M** | Tolerance | **±20%** (standard for power inductors). |
| **C** | Packaging | Reel/Carrier tape specification. |
---
### Technical Specifications
Based on the standard 252010 size profile for this series, the typical electrical characteristics are as follows:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Extremely low, usually in the range of 15mΩ to 25mΩ to minimize power loss.
* **Saturation Current (Isat):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it typically handles 4.5A to 6.0A.
* **Temperature Rise Current (Irms):** The current that causes a 40°C temperature rise, usually around 4.0A to 5.5A.
* **Operating Temperature:** -40°C to +125°C (including self-heating).
---
### Key Features
1. **Metal Compound Core:** Uses a metal powder molding technology which provides high saturation current characteristics compared to traditional ferrite cores.
2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
3. **Low Profile:** At only 1.0mm height, it is ideal for thin electronic devices like smartphones, tablets, and wearable tech.
4. **High Efficiency:** Low DCR ensures minimal energy is wasted as heat, extending battery life in portable devices.
### Typical Applications
* **Smartphones & Tablets:** Point-of-Load (POL) converters for CPUs and GPUs.
* **SSD/Storage:** Power management for high-speed data drives.
* **IoT Devices:** Compact power regulation for sensors and wireless modules.
* **VR/AR Headsets:** High-density power circuitry where space is premium.
---
- ⤷What are the equivalent alternative parts from other manufacturers like TDK or Murata?
- ⤷ How does the 'R33' value impact the ripple current in a buck converter?
- ⤷ What is the specific saturation current (Isat) rating for the R33 model in this series?