250-R8
AI

The **250-R8** typically refers to a specific model of an **Electronic Liquid Level Controller** or a **Conductivity Relay**, commonly used in industrial pump control and tank management. These devices are designed to detect levels of conductive liquids to prevent overflow or dry-running.
---
### 1. Core Technical Specifications
The 250-R8 acts as a switch based on the resistance detected between electrodes.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 120V AC or 240V AC (Model dependent) |
| **Control Logic** | Single-level or Differential (Pump up/down) |
| **Output Contacts** | SPDT (Single Pole Double Throw) |
| **Contact Rating** | 10A @ 120/240VAC |
| **Sensitivity Range** | Fixed or Adjustable (k-ohms) |
| **Enclosure Type** | 8-pin Plug-in (Octal Base) |
---
### 2. Key Electronic Components
Internally, the 250-R8 consists of several critical electronic sections that allow it to function safely and accurately:
#### A. Power Supply Section
* **Transformer:** Steps down the line voltage (120/240V) to a low-voltage AC level for the sensing circuit. This provides galvanic isolation for safety.
* **Rectifiers/Regulators:** Converts AC to DC to power the internal logic and the output relay coil.
#### B. Sensing Circuitry
* **AC Probe Voltage:** Unlike DC sensors, the 250-R8 uses a low-voltage **AC signal** on the probes. This is crucial because it prevents **electrolysis** (buildup/corrosion) on the metal electrodes.
* **Comparator/Op-Amp:** Monitors the current flow between the "Common" probe and the "High/Low" probes. When the liquid touches the probe, the resistance drops, triggering the circuit.
#### C. Output Section
* **Electromechanical Relay:** The "R8" designation often refers to the **8-pin relay base**. The relay physically opens or closes a high-power circuit to start or stop a pump or valve.
* **LED Indicator:** Most models feature a diagnostic LED to indicate whether the relay is energized.
---
### 3. Pinout Configuration (8-Pin Octal)
The standard wiring for an 8-pin level controller like the 250-R8 generally follows this pattern:
| Pin Number | Function |
| :--- | :--- |
| **2 & 7** | Power Input (Supply Voltage) |
| **1, 3, 4** | SPDT Relay Contacts (Common, NO, NC) |
| **5** | High Level Probe |
| **6** | Low Level / Reference Probe |
| **8** | Common / Ground Probe |
---
### 4. Application Logic
The 250-R8 is versatile and can be wired for two primary modes:
1. **Drain (Pump Down):** The relay turns on when the liquid reaches the High probe and stays on until it drops below the Low probe.
2. **Fill (Pump Up):** The relay turns on when the liquid drops below the Low probe and stays on until it reaches the High probe.
---
- ⤷
How do you wire the 250-R8 for a 'Pump Down' application?
- ⤷ What is the difference between the 250-R8 and a standard 11-pin level controller?
- ⤷ Why is AC voltage used on the probes instead of DC?