AI

## Overview of the 24PC01SMT Pressure Sensor
The **24PC0100G2** (commonly associated with the Honeywell 24PC series) is a miniature, unamplified, piezoresistive pressure sensor. It is designed for measuring gauge pressure in medical, environmental, and industrial applications.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the 24PC series:
| Characteristic | Specification |
| :--- | :--- |
| **Pressure Type** | Gauge (measures relative to atmospheric pressure) |
| **Pressure Range** | 0 to 100 psi |
| **Bridge Type** | Wheatstone Bridge |
| **Output Type** | Analog (Unamplified/Millivolt) |
| **Excitation Voltage** | 10 VDC (Typical), 12 VDC (Max) |
| **Sensitivity** | 1.0 mV/psi (Typical) |
| **Operating Temperature** | -40°C to 85°C |
| **Linearity Error** | ±0.5% to ±1.0% |
---
### 2. Internal Electronic Structure
The device operates using a **Piezoresistive Silicon Chip**. When pressure is applied to the diaphragm, the resistance of the embedded resistors changes.
#### The Wheatstone Bridge
* The sensor uses a **four-resistor Wheatstone bridge** configuration.
* **Input:** Voltage is applied across the bridge.
* **Output:** As pressure changes, the bridge becomes unbalanced, resulting in a small millivolt (mV) output signal proportional to the pressure.
---
### 3. Pin Configuration
Most sensors in this series use a 4-pin layout:
1. **Pin 1:** Supply Voltage ($V_{s}+$)
2. **Pin 2:** Output ($V_{out}+$)
3. **Pin 3:** Ground ($GND$)
4. **Pin 4:** Output ($V_{out}-$)
---
### 4. Application Requirements
Because the 24PC0100G2 is an **unamplified** sensor, it requires specific peripheral electronics to be useful in a digital system (like an Arduino or PLC):
* **Instrumentation Amplifier:** The output is in millivolts (very low). You must use an amplifier (e.g., AD620 or INA126) to boost the signal to a 0-5V range.
* **ADC (Analog to Digital Converter):** A high-resolution ADC (12-bit or higher) is recommended for accurate pressure readings.
* **Voltage Regulation:** Since the output is proportional to the input voltage (ratiometric), a stable, noise-free power supply is critical for precision.
---
### 5. Common Use Cases
* **Medical:** Blood pressure monitoring, oxygen concentrators.
* **Industrial:** HVAC systems, water level sensing.
* **Automotive:** Transmission fluid pressure, engine oil pressure.
- ⤷
How do I calibrate the 24PC0100G2 sensor for use with a microcontroller?
- ⤷ What is the difference between gauge pressure and absolute pressure in this series?
- ⤷ Can this sensor be used with corrosive liquids or only air?