240128-06-SL-R-ST-LED-WH
AI

The part number **240128-06-SL-R-ST-LED-WH** refers to a specific **Graphic Liquid Crystal Display (LCD) Module**. Based on standard naming conventions for industrial display modules, here is a detailed breakdown of its electronic components and specifications.
### 1. General Specifications
This module is a monochromatic graphic display commonly used in industrial controllers, medical devices, and instrumentation.
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 240 x 128 Pixels |
| **Display Technology** | STN (Super-Twisted Nematic) |
| **Backlight Type** | LED (Light Emitting Diode) |
| **Backlight Color** | White (WH) |
| **Polarizer Mode** | Reflective or Transflective (R) |
| **Controller Type** | Usually RA8835, T6963C, or equivalent |
---
### 2. Electronic Component Breakdown
#### A. The LCD Glass (STN)
The "STN" indicates the liquid crystal material. STN displays offer a higher contrast and wider viewing angles compared to older TN displays. The **240x128** resolution allows for complex graphics, icons, and multiple lines of text simultaneously.
#### B. The Backlight (LED-WH)
* **Voltage:** Typically requires **3.0V to 3.5V DC**.
* **Current:** Usually draws between **45mA and 120mA** depending on brightness settings.
* **Color:** White LEDs use a blue emitter with a yellow phosphor coating to produce a neutral white light, improving readability in dark environments.
#### C. Integrated Controller / Driver
The module includes a built-in controller (often a **T6963C** or **RA8835**) which handles the complex timing required to refresh the pixel matrix.
* **Interface:** Usually an 8-bit parallel interface (compatible with 8080 or 6800 series MPUs).
* **Character Generator:** Most include a built-in ROM for standard ASCII characters.
#### D. Power Requirements
* **Logic Voltage ($V_{DD}$):** Typically +5.0V (some newer versions support +3.3V).
* **LCD Driving Voltage ($V_{LCD}$):** High-resolution displays often require a negative voltage (e.g., -15V to -22V) to maintain contrast. Many modules include a DC-DC converter to generate this internally.
---
### 3. Pinout Configuration (Common)
While specific pinouts can vary by manufacturer, a standard 240128 module usually follows this logic:
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | FGND | Frame Ground |
| 2 | VSS | Ground (0V) |
| 3 | VDD | Power Supply for Logic (+5V) |
| 4 | V0 | Contrast Adjustment |
| 5 | WR | Write Signal |
| 6 | RD | Read Signal |
| 7-14 | DB0-DB7 | Data Bus Lines |
| 15 | CE | Chip Enable |
| 16 | RST | Hardware Reset |
| 17 | VEE | Negative Voltage Output |
---
### 4. Part Number Suffix Meanings
* **240128:** Resolution (Width x Height).
* **SL:** Small Outline or Slim Design (Manufacturer specific).
* **R:** Reflective or Transflective (viewable in sunlight).
* **ST:** STN Technology.
* **LED-WH:** White LED Backlight.
- ⤷
What is the typical current draw for the white LED backlight in this module?
- ⤷ Can this display be interfaced directly with a 3.3V microcontroller like an ESP32?
- ⤷ Does this specific module require an external negative voltage source for contrast?