2003-23-SM-RPLF
AI

The part number **2003-23-SM-RPLF** refers to a specific Gas Discharge Tube (GDT) manufactured by **Bourns Inc.** This component is designed for circuit protection against high-voltage transients.
---
### 1. Technical Specification Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Bourns Inc. |
| **Series** | 2003 Series |
| **Type** | 3-Electrode Gas Discharge Tube (GDT) |
| **DC Sparkover Voltage** | 230V ±20% |
| **Mounting Type** | Surface Mount (SMD) |
| **Discharge Current** | 10 kA (8/20 μs waveform) |
| **Packaging** | Reel Packaging (indicated by "RP") |
| **Compliance** | RoHS Compliant (Lead-Free - "LF") |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic used by Bourns to identify the component's characteristics:
* **2003**: The series identifier (3-electrode GDT, 5mm diameter).
* **23**: The voltage rating (230V).
* **SM**: Surface Mount technology.
* **RP**: Tape and Reel packaging.
* **LF**: Lead-Free (RoHS compliant).
---
### 3. Key Functions and Applications
#### Functionality
This device acts as a "crowbar" circuit protector. Under normal conditions, it remains in a high-impedance state. When a high-voltage surge (like lightning or power cross) occurs, the gas inside ionizes, creating a low-resistance path to ground, effectively diverting the excess energy away from sensitive electronics.
#### Common Applications
* **Telecommunications**: Protection for DSL, ADSL, and Ethernet lines.
* **Industrial Equipment**: Protection for signal and data lines.
* **Consumer Electronics**: Power supplies and modems.
* **Smart Grids**: Protection for metering infrastructure.
---
### 4. Implementation Example
In a typical 3-electrode setup, the GDT protects two lines (e.g., Tip and Ring in telephony) relative to a common ground.
```c
// Concept: Overvoltage Protection Logic
if (Input_Voltage > GDT_Sparkover_Voltage) {
GDT_State = CONDUCTING; // Surge diverted to ground
} else {
GDT_State = HIGH_IMPEDANCE; // Normal operation
}
```
- ⤷
What is the difference between a 2-electrode and 3-electrode GDT?
- ⤷ How does sparkover voltage tolerance affect circuit safety?
- ⤷ What are the soldering temperature requirements for SMD GDTs?