công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 2-23PE-R

  • AI
    The **2-23PE-R** is a specific model of an electronic component, typically categorized as a **Circular Connector** or a **Terminal Housing**, often associated with brands like **TE Connectivity** (formerly AMP) or similar industrial hardware manufacturers. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ## 1. Component Overview The 2-23PE-R belongs to a family of connectors designed for rugged power and signal transmission. The "PE" usually denotes "Plastic/Polymer" housing or "Power Entry," and the "R" signifies "Receptacle" or "RoHS Compliant" depending on the specific series. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Circular Connector Housing / Receptacle | | **Number of Positions** | 2-3 Pins (Configuration dependent) | | **Mounting Type** | Panel Mount or Free Hanging | | **Material** | Thermoplastic (High-temp resistant) | | **Termination Method** | Crimp or Solder (Contact dependent) | | **Environmental Rating** | Often IP65/67 (when used with seals) | --- ## 2. Key Electronic Features ### A. Modular Design The part is designed to hold specific metal contacts (pins or sockets). The housing itself is non-conductive, providing high insulation resistance between adjacent circuits to prevent shorting. ### B. Locking Mechanism Most parts in this series feature a **Threaded** or **Bayonet-style** coupling. This ensures that vibration does not disconnect the electronic circuit, which is critical in industrial machinery. ### C. Keying & Polarization The internal structure includes "keys" (grooves) that prevent the connector from being plugged in incorrectly, protecting sensitive electronic components from reverse polarity. --- ## 3. Applications These parts are commonly found in environments where standard consumer connectors would fail: 1. **Industrial Automation:** Connecting sensors to PLC (Programmable Logic Controller) units. 2. **Power Supplies:** Serving as the input/output interface for heavy-duty power bricks. 3. **Transport Electronics:** Used in marine or automotive diagnostic systems due to their durability. --- ## 4. Complementary Parts To create a functional connection, the 2-23PE-R usually requires: * **Male/Female Contacts:** Gold or Tin-plated copper alloy pins. * **Backshell:** For cable strain relief and EMI shielding. * **Sealing Gaskets:** To maintain water-tight integrity.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the 2-23PE-R?
    • ⤷ Which manufacturer produces the 2-23PE-R series?
    • ⤷ What size of wire gauge (AWG) is compatible with the contacts for this housing?