AI

The part number **2-1P3N-R** typically refers to a specific type of **Rotary Switch**. These components are used to control electrical circuits by rotating a knob to different positions.
Below is a detailed breakdown of the technical specifications and characteristics of this electronic part.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific information about the switch's internal configuration:
| Component Segment | Meaning |
| :--- | :--- |
| **2** | Usually refers to the number of **Poles** (the number of separate circuits the switch controls). |
| **1P3N** | **1 Pole, 3 Positions** (N stands for non-shorting in some manufacturer schemes). |
| **R** | Often indicates **RoHS Compliance** or a specific **Rotary** mounting style. |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Alpha or C&K), the standard parameters for this class of switch are:
* **Switch Type:** Rotary.
* **Circuit Configuration:** DP3T (Double Pole, 3 Throw) or 1P3T depending on the specific series prefix.
* **Contact Timing:** **Non-Shorting (Break-Before-Make)**. This means the connection to the first position is broken before the connection to the second position is established.
* **Electrical Rating:** Typically 0.3A at 125V AC or 1A at 30V DC.
* **Rotational Angle:** Usually 30° or 45° between clicks (detents).
* **Mounting Type:** Through-hole (PCB mount) or Panel Mount with a threaded bushing.
---
### 3. Key Components
A rotary switch consists of several physical layers:
1. **The Shaft:** The metal or plastic rod that the user turns.
2. **The Rotor:** The internal moving part that carries the electrical contact.
3. **The Stator:** The stationary base where the terminals are located.
4. **Detent Mechanism:** The spring-loaded ball or "clicker" that holds the switch in a specific position.
---
### 4. Common Applications
These switches are used in devices where multiple operational modes are required:
* **Audio Equipment:** Selecting between Input sources (CD, Aux, Phono).
* **Test Equipment:** Changing ranges on a multimeter (Voltage, Amperage, Ohms).
* **Industrial Controls:** Selecting motor speeds or operating modes (Manual, Auto, Off).
* **Home Appliances:** Fan speed controllers or oven mode selectors.
---
### 5. Wiring Diagram Concept
In a **1P3N** (1 Pole, 3 Position) setup, the wiring logic is as follows:
```text
Pin C (Common) ───┐
│
├─ Position 1 (Output A)
├─ Position 2 (Output B)
└─ Position 3 (Output C)
```
- ⤷
What is the difference between shorting and non-shorting rotary switches?
- ⤷ How do I determine the pinout of a rotary switch using a multimeter?
- ⤷ Can a 2-1P3N-R switch be used for high-voltage industrial applications?