AI

The **1ME252012H-R33MF** is a specific part number typically associated with a **Molded Power Inductor**. These components are widely used in modern electronics for DC-DC power conversion and noise filtering.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.33 µH (indicated by "R33") |
| **Tolerance** | ±20% (indicated by "M") |
| **Package Size** | 2520 (2.5mm x 2.0mm) |
| **Height** | 1.2mm (indicated by "12") |
| **Core Material** | Metal Alloy (Molded) |
| **Operating Temp** | -40°C to +125°C (typical) |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the component's physical and electrical limits:
* **1ME**: Series designator (often referring to Miniature Molded Inductors).
* **2520**: Dimensions in millimeters ($2.5 \times 2.0$ mm).
* **12**: Maximum height ($1.2$ mm).
* **H**: High-current or high-performance rating.
* **R33**: Inductance value (R = decimal point, so $0.33$ microhenries).
* **M**: Tolerance (M = $\pm 20\%$).
* **F**: Lead-free / RoHS compliant designation.
---
### 3. Construction and Features
The "Molded" style of this inductor offers several advantages over traditional wire-wound ferrite inductors:
1. **Magnetic Shielding**: The metal powder core completely surrounds the copper coil, resulting in very low magnetic leakage (EMI).
2. **High Saturation Current**: Unlike ferrite, metal alloy cores saturate "softly," meaning they don't lose inductance abruptly when current spikes.
3. **Low DCR**: The design allows for low Direct Current Resistance, which minimizes heat loss and improves efficiency.
4. **Durability**: The molded body provides excellent resistance against mechanical shock and vibration.
---
### 4. Common Applications
Due to its small footprint (2520) and low inductance (0.33µH), this part is ideal for high-frequency switching regulators:
* **Smartphones & Tablets**: Local power rails for CPUs and GPUs.
* **SSD Drives**: Power management for high-speed data storage.
* **IoT Devices**: Efficient power conversion in battery-operated sensors.
* **DC-DC Converters**: Buck, Boost, and Buck-Boost topologies.
---
- ⤷
What is the maximum saturation current for this specific inductor?
- ⤷ How does a metal alloy core compare to a ferrite core in power electronics?
- ⤷ What are the recommended soldering profiles for 2520 sized surface mount inductors?