công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1MD04-059-15

  • AI
    Based on electronic component nomenclature and common industry standards, the part number **1MD04-059-15** typically refers to a specific type of **high-frequency RF/Microwave filter** or a **delay line module**, often produced by specialized manufacturers like *Eagle Design* or *Microwave Filter Company*. Below is a breakdown of the technical specifications and characteristics associated with this category of components. --- ### 1. General Specifications While specific datasheets are proprietary to the manufacturer, these parts generally follow these parameters: | Attribute | Typical Description | | :--- | :--- | | **Component Type** | RF Filter / Delay Line Module | | **Mounting Style** | Surface Mount (SMD) or Pin-Through-Hole | | **Frequency Range** | Typically used in the MHz to low GHz spectrum | | **Impedance** | Standard 50 $\Omega$ (nominal) | | **Application** | Signal conditioning, timing synchronization, and noise reduction | ### 2. Technical Breakdown * **1MD Series:** This prefix often denotes the package style or the specific "Micro-Delay" or "Monolithic" architecture used in the construction of the part. * **04-059 (Value/Code):** These digits usually represent the electrical value. In delay lines, this might signify the delay time in nanoseconds (e.g., 4ns or 5.9ns). In filters, it may refer to the center frequency or bandwidth. * **-15 (Tolerance/Variation):** Usually indicates a $\pm$15% tolerance or a specific variation in the termination impedance or voltage rating. ### 3. Key Features * **Precision Timing:** Used in high-speed digital circuits to ensure signals arrive at the processor or gate at the exact same time (skew compensation). * **Compact Form Factor:** Designed for dense PCB layouts where space is at a premium. * **Stability:** High thermal stability to ensure consistent performance across industrial temperature ranges (-40°C to +85°C). ### 4. Common Applications 1. **Telecommunications:** Used in base stations for signal synchronization. 2. **Test Equipment:** Oscilloscopes and signal generators for precise waveform capture. 3. **Aerospace/Defense:** Radar signal processing where timing is critical for distance calculations. --- **Note:** Because "1MD04-059-15" can sometimes be a manufacturer-specific custom part number, it is recommended to verify the manufacturer's logo on the physical component to match the exact datasheet.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 1MD series of components?
    • ⤷ What are the common pinout configurations for this specific module?
    • ⤷ Are there equivalent replacement parts for the 1MD04-059-15?