công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 1BKS

  • AI
    The **1BKS** is not a generic electronic component but is a specific **marking code** (Top Mark) used to identify a component in a small package (usually SOT-23 or SOT-25) where the full part number cannot fit. In the electronics industry, "1BKS" most commonly refers to a specific series of **Voltage Supervisors** or **LDO Regulators** manufactured by companies like **Ricoh** (now Nisshinbo Micro Devices). --- ## 1. Technical Specifications (Common Identification) Based on industry marking databases, the code **1BK** (with 'S' often being a production lot or date code) typically corresponds to the following device: | Feature | Description | | :--- | :--- | | **Primary Part Number** | R1114N181B-TR-FE | | **Component Type** | CMOS-based LDO Voltage Regulator | | **Package Type** | SOT-23-5 (or SC-74A) | | **Output Voltage** | 1.8V (Fixed) | | **Max Output Current** | 150mA to 200mA | | **Key Function** | Providing a stable 1.8V power rail for microcontrollers or sensors. | --- ## 2. Key Internal Characteristics Electronic parts marked with these codes generally share these architectural traits: ### Low Dropout (LDO) Functionality These parts are designed to maintain a stable output voltage even when the input voltage is only slightly higher than the output. * **Low Quiescent Current:** Designed to save battery life in portable electronics. * **High Ripple Rejection:** Filters out noise from the power source to ensure sensitive chips get "clean" power. ### Pinout Configuration (SOT-23-5) If your part has 5 pins, the standard layout for the 1BK series is usually: 1. **V_IN:** Input Power. 2. **GND:** Ground. 3. **CE (Chip Enable):** Turns the regulator on or off. 4. **NC:** No Connection (or Bypass capacitor). 5. **V_OUT:** Regulated 1.8V Output. --- ## 3. Common Use Cases You will typically find the 1BKS component in: * **Mobile Handsets:** Powering low-voltage logic circuits. * **Wearable Tech:** Smartwatches or fitness trackers requiring 1.8V rails. * **IoT Modules:** Providing stable power to Wi-Fi or Bluetooth chips. --- ## 4. How to Verify the Part Because marking codes can sometimes overlap between manufacturers, follow these steps to confirm: 1. **Measure Voltage:** Power the board and check if Pin 5 outputs exactly 1.8V. 2. **Check Logo:** Look for a tiny "R" or stylized symbol next to the 1BK code. 3. **Circuit Context:** If it is located near a processor or memory chip, it is almost certainly a voltage regulator.
    ✨ Follow-up Questions
    • How can I test if a 1BKS regulator is functioning correctly using a multimeter?
    • What are the common alternatives or equivalents for the 1BKS voltage regulator?
    • What happens to the output if the input voltage drops below 1.8V?