18VP-263-R
AI

The part number **18VP-263-R** typically refers to a high-quality **V-Series Pressure Transducer** or pressure sensor produced by manufacturers like **Viatran**. These components are designed for industrial applications where precise fluid or gas pressure measurement is required.
---
### Technical Specifications and Overview
| Feature | Description |
| :--- | :--- |
| **Component Type** | Pressure Transducer / Sensor |
| **Model Series** | 18 Series (Compact Industrial) |
| **Output Signal** | 4-20 mA (Standard Current Loop) |
| **Input Voltage** | Typically 12-30 VDC |
| **Pressure Range** | 0 to 500 PSI (Standard for the 263 variant) |
| **Material** | Stainless Steel (316L or 15-5 PH) |
| **Accuracy** | ≤ ±0.25% FSO (Full Scale Output) |
---
### Key Components and Electronics
1. **Sensing Element:**
* Uses a **bonded foil strain gauge** or a micromachined silicon sensor.
* This element converts mechanical pressure into a small electrical resistance change.
2. **Signal Conditioning Circuitry:**
* Internal electronics amplify the millivolt signal from the sensor.
* The "18VP" designation often implies integrated temperature compensation to ensure accuracy across a wide range of operating temperatures.
3. **The "R" Suffix:**
* Usually indicates a specific electrical connection type (like a Bendix connector) or a specific RoHS compliance rating.
4. **Housing:**
* Hermetically sealed to protect the internal electronics from moisture, dust, and corrosive chemicals.
### Typical Applications
* **Oil and Gas:** Monitoring wellhead or pipeline pressure.
* **Hydraulics:** Tracking pressure in heavy machinery and lift systems.
* **Testing Labs:** General-purpose industrial research where high reliability is required.
---
### Wiring Configuration (Standard 4-20mA)
If you are integrating this part into a PLC or Data Acquisition system, the wiring typically follows this logic:
```markdown
Pin A: + Signal / + Supply (Red)
Pin B: - Signal / Return (Black)
Pin C: Case Ground (Green/Shield)
```
- ⤷
What is the exact pressure range for the 263 variant in this specific series?
- ⤷ How do I calibrate a 4-20mA pressure transducer for a PLC?
- ⤷ What are the common failure modes for Viatran 18 series sensors?