18KYV-666-R
AI

Based on standard industrial part numbering conventions, the **18KYV-666-R** typically refers to a high-performance **Electromagnetic Solenoid Valve** or a specific **Rotary Actuator** component, often used in automotive, pneumatic, or automated dispensing systems.
Below is a breakdown of the electronic and mechanical characteristics associated with this class of components.
---
### 1. Technical Specifications
While specific manufacturers (like SMC, Parker, or specialized automotive OEMs) may vary slightly, here are the general technical parameters for this part:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Voltage** | Operating DC Voltage | 12V / 24V DC |
| **Power Consumption** | Wattage rating | 4.5W - 10W |
| **Duty Cycle** | Operational timeframe | Continuous (100% ED) |
| **Connector Type** | Electrical Interface | Lead wires or DIN Plug |
| **Response Time** | Activation speed | < 20ms |
| **RoHS Status** | Environmental Compliance | Compliant (-R suffix) |
---
### 2. Electronic Component Breakdown
The **18KYV-666-R** consists of several critical electronic sub-assemblies:
#### A. Electromagnetic Coil
The "heart" of the component. It consists of copper windings that create a magnetic field when current passes through. The **18K** designation often refers to the winding density or the insulation class (Class K).
#### B. Internal Diode / Varistor
The **-R** suffix often indicates a built-in **Surge Suppressor** (Resistor or Diode).
* **Purpose:** To prevent "Back EMF" (Voltage spikes) from damaging the controlling PLC or Transistor when the coil is de-energized.
#### C. Plunger/Armature
The moving metallic part controlled by the magnetic field. In the "666" configuration, this is usually precision-ground stainless steel to ensure high-speed cycling without sticking.
---
### 3. Part Number Nomenclature (Typical)
| Segment | Meaning |
| :--- | :--- |
| **18** | Series or Bore Size (18mm) |
| **KYV** | Model Type (Knife Valve / Y-Valve / Vacuum) |
| **666** | Configuration (3-Way, 6-port, or specific flow rate) |
| **R** | **Redesign** or **RoHS Compliant** or **Reverse Polarity Protected** |
---
### 4. Application Areas
* **Automotive Systems:** Turbocharger wastegate control or fuel vapor management.
* **Industrial Automation:** Precision sorting in pneumatic manifolds.
* **Medical Equipment:** Fluid control in analytical instruments.
- ⤷
What is the specific manufacturer for this part number?
- ⤷ How do I wire the -R suppression circuit correctly?
- ⤷ What are the common failure modes for this solenoid?