18JT-166-R
AI

The **18JT-166-R** is a specific part number typically associated with **RJ45 Jack Connectors**, often integrated with magnetic components (MagJack). These are widely used in networking hardware to provide physical connectivity and signal conditioning for Ethernet interfaces.
### Technical Overview
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Mounting Type** | Through-Hole (THT) / Right Angle |
| **Shielding** | Shielded (Metal Housing) |
| **Speed** | 10/100/1000 Base-T (Gigabit Ethernet Support) |
| **Magnetics** | Integrated Transformers and LEDs |
| **RoHS Status** | Compliant (R suffix often denotes RoHS) |
---
### Core Components and Functionality
The "JT" series from manufacturers like **Link-PP** or **YDS** generally includes the following internal sub-components:
#### 1. Integrated Magnetics
Unlike a standard phone jack, the 18JT-166-R contains miniature toroidal transformers and common-mode chokes. These serve three purposes:
* **Isolation:** Protects the sensitive PHY chip from high-voltage surges on the network cable.
* **Impedance Matching:** Ensures maximum signal power transfer between the cable and the PCB.
* **EMI Suppression:** Filters out high-frequency noise to ensure data integrity.
#### 2. LED Indicators
Most variations of this part include integrated LEDs (usually Green and Yellow) at the front of the jack.
* **Green:** Typically indicates a "Link" status.
* **Yellow:** Typically indicates "Activity" (flashing during data transfer).
#### 3. Mechanical Shielding
The component is encased in a copper alloy or nickel-plated brass shell. This provides a path to ground for electromagnetic interference (EMI) and prevents the connector from acting as an antenna.
---
### Pin Configuration (Typical)
| Pin # | Function (Ethernet) | Description |
| :--- | :--- | :--- |
| 1 - 8 | Signal Pins | Connect to the Ethernet PHY chip via the PCB traces. |
| 9 - 12 | LED Pins | Control pins for the front-facing Status LEDs. |
| Shell | Chassis Ground | Connects the metal shield to the system ground. |
---
### Applications
* **Networking Equipment:** Routers, Switches, and Hubs.
* **Industrial PC:** Motherboards and embedded systems.
* **IoT Gateways:** Devices requiring wired internet stability.
- ⤷
What is the pinout diagram for the 18JT-166-R?
- ⤷ Which manufacturers produce equivalents to this RJ45 connector?
- ⤷ Does this part support Power over Ethernet (PoE)?