18AT-85-R
AI

The **18AT-85-R** is a specific model of an **RF Fixed Attenuator**. These components are critical in radio frequency (RF) circuits to reduce the power of a signal without significantly distorting its waveform.
---
### 1. Technical Specifications
Based on standard industry nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification |
|:---|:---|
| **Component Type** | Fixed Coaxial Attenuator |
| **Attenuation Value** | 85 dB (Approximate, varies by sub-series) |
| **Frequency Range** | DC to 18 GHz (Typical) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA (Male/Female standard) |
| **Power Rating** | Usually 2 Watts (Average) |
---
### 2. Core Functions
The 18AT-85-R serves three main purposes in an electronic system:
1. **Power Level Control**: It reduces high-strength signals to a level compatible with sensitive measurement equipment (like spectrum analyzers) to prevent "clipping" or damage.
2. **Impedance Matching**: It improves the "look-back" impedance between two circuits, reducing signal reflections (VSWR) and improving overall system stability.
3. **Isolation**: It provides a buffer between stages of an RF chain to prevent unwanted feedback or interaction between components.
---
### 3. Construction and Materials
The "R" suffix often denotes **RoHS Compliance**, meaning the part is manufactured without hazardous materials like lead.
* **Housing**: Usually stainless steel or gold-plated brass for durability and shielding.
* **Dielectric**: PTFE (Teflon) is commonly used to maintain signal integrity at high frequencies.
* **Resistive Element**: Thin-film or thick-film resistors integrated into a coaxial structure to ensure a flat frequency response.
---
### 4. Application Examples
* **Testing & Measurement**: Protecting the input ports of expensive lab gear.
* **Telecommunications**: Adjusting signal strength in cellular base stations.
* **Satellite Comms**: Managing gain stages in transponders.
- ⤷
What is the difference between a fixed attenuator and a variable attenuator?
- ⤷ How do I calculate the output power if I use an 85dB attenuator?
- ⤷ Does this component require a specific heat sink for 2W operation?