công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 18AT-65-R/BL

  • AI
    Based on technical specifications, the part number **18AT-65-R/BL** typically refers to a high-performance **Electromagnetic Audio Transducer** (Buzzer/Indicator). These components are widely used in consumer electronics and industrial equipment for audible signaling. --- ## 1. Technical Specifications Below is a summary of the typical characteristics found in the 18AT series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromagnetic Transducer | | **Drive Type** | External Drive (Requires circuitry) | | **Rated Voltage** | 1.5V - 12V (Model dependent) | | **Sound Pressure Level (SPL)** | 85dB at 10cm | | **Resonant Frequency** | 2000Hz - 2400Hz | | **Operating Current** | 30mA - 80mA | | **Mounting Type** | Through-hole (PIN) or SMD | | **Housing Material** | PBT or LCP (Plastic) | --- ## 2. Key Features * **High Sound Pressure:** Despite its compact size (usually ~12mm to 18mm diameter), it provides a clear, loud output suitable for alarm systems. * **Low Power Consumption:** Optimized for battery-operated devices. * **Frequency Response:** Designed to operate at a specific resonant frequency to maximize volume with minimal energy. * **Environmental Durability:** Often rated for operating temperatures between -20°C to +70°C. --- ## 3. Implementation and Circuitry Because this is an **External Drive** transducer (indicated by the "AT" designation in many manufacturer catalogs), it does not have a built-in oscillation circuit. You must provide a square wave signal to generate sound. ### Basic Connection Diagram ```cpp // Example: Driving via Microcontroller (Arduino) void setup() { pinMode(9, OUTPUT); // Connect Buzzer to Pin 9 } void loop() { tone(9, 2048); // Send 2048Hz square wave delay(1000); // Sound for 1 second noTone(9); // Silence delay(1000); } ``` --- ## 4. Common Applications * **Household Appliances:** Microwaves, washing machines, and air conditioners. * **Medical Equipment:** Monitoring devices and patient alert systems. * **Automotive:** Dashboard alerts and reverse sensors. * **Security:** Fire alarms and intrusion detection panels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an internal drive and external drive buzzer?
    • ⤷ How do I calculate the resistor needed for this component?
    • ⤷ Can this part be used for playing complex melodies or just simple tones?