công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 18AT-06-R/BL

  • AI
    The **18AT-06-R/BL** is a specialized electronic component, specifically a **Fixed Coaxial Attenuator**. These devices are used in RF (Radio Frequency) and microwave circuits to reduce the power level of a signal by a specific amount without significantly distorting its waveform. --- ### Technical Specifications The following table highlights the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Attenuation Value** | 6 dB | | **Frequency Range** | DC to 18 GHz (Broadband) | | **Impedance** | 50 Ohms | | **Power Rating** | Typically 2 Watts (Average) | | **Connector Type** | SMA (Male to Female configuration) | | **Finish/Housing** | Blue Anodized (indicated by /BL suffix) | --- ### Key Functions The 18AT-06-R/BL serves several critical roles in an electronic system: 1. **Signal Level Control:** It reduces a signal that is too strong for a sensitive receiver, preventing "clipping" or damage to subsequent stages in a circuit. 2. **Impedance Matching:** By providing a consistent 50-ohm load, it improves the VSWR (Voltage Standing Wave Ratio) between mismatched components. 3. **Isolation:** It acts as a buffer between a source and a load to prevent reflected signals from affecting the signal source. ### Construction Details * **Materials:** Typically constructed with a stainless steel or brass body, often gold-plated for the center contacts to ensure low insertion loss and high reliability. * **Durability:** Designed for high-frequency precision, these parts are often tested for ruggedness in military or aerospace environments. * **Identification:** The "06" in the part number signifies the **6 decibel** reduction, and the "18" refers to the **18 GHz** maximum operating frequency. --- ### Typical Applications * **Test and Measurement:** Used with Spectrum Analyzers and Network Analyzers to protect input ports. * **Telecommunications:** Level setting in cellular base stations. * **Aerospace:** High-frequency signal routing in radar systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed and a variable attenuator?
    • ⤷ How does the power rating affect the usage of this component in high-power systems?
    • ⤷ Can this attenuator be used for signals above 18 GHz?