AI

The **18AR-10-R** is a specific electronic component typically identified as a **precision wirewound potentiometer** or a **trimmer resistor**, often manufactured by companies like Spectrol (now part of Vishay) or similar high-precision component specialists.
### 1. General Specifications
The part number "18AR-10-R" can be broken down into its technical characteristics. While specific manufacturer datasheets may vary slightly, the standard configuration for this series is as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Precision Potentiometer / Trimmer |
| **Technology** | Wirewound |
| **Resistance Value** | 10 Ohms (denoted by the "10") |
| **Tolerance** | Usually ±3% to ±5% |
| **Power Rating** | Approximately 1.0W to 2.0W (at 70°C) |
| **Mounting Type** | Panel Mount or PCB (depending on lead style) |
| **Rotation** | Single-Turn or Multi-Turn (Series dependent) |
---
### 2. Key Technical Components
#### A. Wirewound Element
Unlike carbon film potentiometers, the **18AR** series uses a resistive wire wrapped around a non-conductive core.
- **Benefit:** High stability, low temperature coefficient, and better power handling.
- **Drawback:** Higher inductance compared to thick-film types, making them less ideal for high-frequency applications.
#### B. The "R" Suffix
In many electronic naming conventions, the **-R** suffix stands for:
- **RoHS Compliant:** The part is manufactured without hazardous substances like lead.
- **Radial:** In some contexts, it indicates a radial lead configuration, though RoHS compliance is the most common industry standard for this suffix today.
#### C. Mechanical Construction
* **Housing:** Typically a rugged plastic or metal case designed for industrial environments.
* **Wiper:** A metal contact that moves along the wirewound element to change the resistance.
* **Shaft:** Designed for manual adjustment or screwdriver adjustment for set-and-forget calibration.
---
### 3. Common Applications
Due to its precision and wirewound nature, the 18AR-10-R is used in circuits where exact resistance and durability are required:
1. **Current Sensing:** Used as a variable shunt to calibrate current measurements.
2. **Voltage Dividers:** Providing a precise reference voltage in analog circuits.
3. **Industrial Controls:** Calibration of sensors or motor speed controllers where 10 ohms is a critical range.
4. **Audio Equipment:** High-end gain stage adjustments where low noise is required.
---
### 4. Identification Code Breakdown
If we analyze the code `18AR-10-R`:
* **18:** Often refers to the physical size/series (e.g., 7/8" diameter).
* **AR:** Designates the series model (Standard Precision).
* **10:** The Resistance value in Ohms.
* **R:** Compliance/Mounting indicator.
- ⤷
What is the temperature coefficient for wirewound potentiometers like the 18AR series?
- ⤷ Can this component be used in high-frequency AC circuits?
- ⤷ What are the direct equivalents for the 18AR-10-R from other manufacturers?