1812SMS-R10GLC
AI

The **1812SMS-R10GLC** is a high-performance, surface-mount (SMD) air core inductor manufactured by **Coilcraft**. These components are specifically designed for high-frequency applications where high Q-factors and tight tolerances are required.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature that defines its characteristics:
| Property | Value / Detail |
| :--- | :--- |
| **Inductance** | 100 nH (indicated by `R10`) |
| **Tolerance** | ±2% (indicated by `G`) |
| **Package Size** | 1812 (4.5 x 3.2 mm) |
| **Core Type** | Air Core (provides high Q and no saturation) |
| **Q Factor (Min)** | 100 at 150 MHz |
| **Self Resonant Frequency (SRF)** | 1.1 GHz (Min) |
| **DC Resistance (DCR)** | 0.56 Ohms (Max) |
| **Current Rating (Irms)** | 600 mA |
---
### 2. Physical Construction
* **Air Core Inductor:** Unlike inductors with ferrite or iron cores, air core inductors have a core of "air" (usually just the coil shape held by a jacket).
* **Advantages:**
* **No Magnetic Saturation:** The inductance remains constant regardless of the current applied.
* **Low Losses:** Ideal for high-frequency RF circuits because there are no core losses (hysteresis).
* **Termination:** Features tinned copper terminations for reliable soldering (RoHS compliant).
---
### 3. Application Use-Cases
Because of the **100 nH** value and the **high Q factor**, this part is commonly found in:
1. **RF Impedance Matching:** Used in the output stages of power amplifiers to match the antenna impedance.
2. **Filter Networks:** Perfect for high-pass, low-pass, or band-pass filters in wireless communication devices.
3. **Tuning Circuits:** The 2% tolerance makes it suitable for precise oscillator tuning.
4. **Telecommunications:** Used in cellular infrastructure, GPS receivers, and Wi-Fi modules.
---
### 4. Part Number Breakdown
`1812` `SMS` `-` `R10` `G` `L` `C`
* **1812:** EIA Package size (0.18 x 0.12 inches).
* **SMS:** Series identifier (Surface Mount, Spring/Air core).
* **R10:** Inductance value (R is the decimal; R10 = 0.10 µH or 100 nH).
* **G:** Tolerance code (G = ±2%; J = ±5%).
* **L:** Termination style (L = RoHS compliant Silver-Palladium-Platinum-Glass frit).
* **C:** Packaging (C = 7" Machine Ready Reel).
- ⤷What is the difference between air core and ferrite core inductors in RF circuits?
- ⤷ How does the Q factor affect the performance of this inductor?
- ⤷ Are there alternative package sizes for the SMS series?