17TS-45-R
AI

The **17TS-45-R** typically refers to a high-precision, miniature **Stepping Motor** (often of the Permanent Magnet or Hybrid variety) commonly used in small electronics, medical devices, and office automation.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The "17TS" series usually follows the NEMA 17 mounting footprint but is optimized for specific torque-to-size ratios.
| Parameter | Typical Value |
| :--- | :--- |
| **Motor Type** | Bipolar Stepper |
| **Step Angle** | 1.8° (200 steps per revolution) |
| **Phase Voltage** | 3.0V - 12V DC (Driver dependent) |
| **Rated Current** | 1.0A - 1.5A per phase |
| **Resistance** | 2.0 Ω - 5.0 Ω (approx) |
| **Inductance** | 3.5 mH - 5.0 mH |
| **Holding Torque** | 40 - 50 N.cm |
---
### 2. Internal Electronic Components
The motor operates on electromagnetic induction principles involving the following parts:
* **Stator Windings:** Comprised of copper coils. The "R" in the part number often signifies a specific winding resistance or RoHs compliance.
* **Rotor:** A permanent magnet (often Neodymium) attached to the shaft.
* **Phase Configuration:** Usually a **4-wire Bipolar** setup. This requires an H-Bridge driver to reverse the polarity of the current to step the motor.
---
### 3. Wiring Diagram (Bipolar)
The electronic connection usually consists of two independent phases (A and B).
| Wire Color (Common) | Phase | Description |
| :--- | :--- | :--- |
| **Black** | A+ | Phase 1 Start |
| **Green** | A- | Phase 1 End |
| **Red** | B+ | Phase 2 Start |
| **Blue** | B- | Phase 2 End |
---
### 4. Implementation Requirements
To drive this electronic part effectively, the following logic and power components are required:
1. **Stepper Driver:** (e.g., A4988, DRV8825, or TMC2209) to manage the current limits and micro-stepping.
2. **Controller:** (e.g., Arduino, ESP32, or PLC) to provide step and direction signals.
3. **Power Supply:** A DC source higher than the rated voltage (typically 12V-24V) to overcome back-EMF during high-speed rotation.
---
### 5. Key Applications
* **3D Printers:** Used for X/Y/Z axis movement.
* **Medical Pumps:** Precise dosing and fluid control.
* **CCTV Cameras:** Pan and tilt mechanisms.
* **Robotics:** Small-scale actuators and grippers.
---
- ⤷
What is the maximum torque capacity of the 17TS-45-R?
- ⤷ Which motor driver is best suited for this specific stepper motor?
- ⤷ Does the 'R' in the model number indicate RoHS compliance or a specific rotation direction?