AI

The **17MS-6-R** is a specific model of a **hybrid stepper motor**, commonly manufactured by companies like Moons' Industries or similar high-precision motion control vendors. This motor is part of the "NEMA 17" size category, which is widely used in 3D printers, CNC machines, and medical equipment.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Frame Size** | NEMA 17 (42mm) | - |
| **Step Angle** | 1.8° | degrees/step |
| **Steps per Revolution** | 200 | steps |
| **Phase Current** | Typically 0.7A - 1.2A | Amps |
| **Phase Resistance** | Dependent on winding (low) | Ohms |
| **Winding Type** | Bipolar (usually) | - |
| **RoHS Compliant** | Yes ("-R" suffix often indicates RoHS) | - |
---
### 2. Electronic Components & Design
The 17MS-6-R consists of several internal electronic and magnetic parts that enable precise movement:
* **The Stator:** A series of coils (windings) made of insulated copper wire. When current flows through these coils, they create an electromagnetic field that attracts the rotor.
* **The Rotor:** Usually contains a permanent magnet and two serrated iron caps. The "hybrid" nature comes from combining a permanent magnet with a toothed rotor for higher torque and smaller step angles.
* **The Wiring (4-Lead):** Most 17MS-6-R models use a **Bipolar** configuration with 4 wires.
* *Phase A:* Wires 1 & 2
* *Phase B:* Wires 3 & 4
* **Phasing and Polarity:** The motor moves by switching the direction of the current in these phases in a specific sequence (controlled by an external driver).
---
### 3. Key Features
* **High Precision:** With a 1.8° step angle, it can achieve very fine positioning, especially when used with **microstepping** drivers (e.g., A4988, TMC2209).
* **Small Form Factor:** The "6" in the part number often refers to a specific stack length or torque rating, indicating a "slim" or "standard" body depth that fits in tight spaces.
* **Low Vibration:** Designed for smooth motion profiles, making it ideal for laboratory automation and desktop 3D printing.
---
### 4. Integration Requirements
To operate the 17MS-6-R, you cannot simply plug it into a power supply. You need:
1. **A Stepper Driver:** Translates logic signals into high-current pulses.
2. **A Controller:** (Like an Arduino or PLC) to send "Step" and "Direction" pulses.
3. **DC Power Supply:** Usually between 12V and 24V DC to ensure the motor has enough torque at higher speeds.
---
- ⤷
What is the torque rating for the 17MS-6-R model?
- ⤷ Can this motor be used with a 12V power supply and an A4988 driver?
- ⤷ What is the difference between a 0.9 and 1.8 degree step angle in NEMA 17 motors?