167MDCL202KHK
AI

The part number **167MDCL202KHK** refers to a high-voltage, high-capacitance film capacitor typically used in power electronics, induction heating, and pulse power applications.
### 1. Technical Specifications Table
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 167 | High-performance DC link / Pulse series |
| **Capacitance** | 2.0 µF | The storage capacity (202 = 20 * 10^2 pF) |
| **Tolerance** | ±10% (K) | Permissible deviation from nominal capacitance |
| **Voltage (DC)** | 2000V DC | Maximum continuous working voltage |
| **Dielectric** | Metallized Polypropylene | Low loss, high insulation resistance |
| **Termination** | Lug/Screw Terminals | Designed for high-current busbar mounting |
---
### 2. Breakdown of the Part Number
* **167**: Represents the specific series or construction style (likely specialized for high voltage/current).
* **MDCL**: Indicates the physical package and dielectric type (Metallized DC Link).
* **202**: The capacitance code. $20 \times 10^2$ picofarads = 2,000,000 pF, which equals **2.0 µF**.
* **K**: The tolerance code ($K = \pm 10\%$).
* **HK**: Likely refers to the specific physical housing or terminal configuration (High-profile or specific Lug type).
---
### 3. Key Features and Applications
#### Features
* **High dV/dt:** Can handle rapid changes in voltage without degrading.
* **Self-Healing Properties:** If a dielectric breakdown occurs, the metallized layer evaporates, "clearing" the short circuit.
* **Low ESR/ESL:** Low Equivalent Series Resistance and Inductance, making it efficient for high-frequency switching.
* **Thermal Stability:** Designed to operate in high-temperature environments common in industrial power cabinets.
#### Common Applications
1. **DC-Link Circuits:** Used in VFDs (Variable Frequency Drives) and solar inverters to smooth DC voltage.
2. **Induction Heating:** Acting as a resonant capacitor in high-power heating systems.
3. **Pulse Power:** Discharging large amounts of energy quickly for laser or medical imaging equipment.
4. **EV Charging:** Power conversion stages in high-voltage DC fast chargers.
---
- ⤷
What are the equivalent alternative part numbers for the 167MDCL series?
- ⤷ How does the self-healing mechanism work in metallized polypropylene capacitors?
- ⤷ What is the maximum operating temperature for this specific capacitor model?