công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 16110-BN-R-ST-LED-AM-6

  • AI
    Based on industry naming conventions for industrial signaling and electronic indicators (specifically within the **LED Indicator/Pilot Light** category), the part number **16110-BN-R-ST-LED-AM-6** can be broken down into its technical specifications. This component is typically a panel-mount LED indicator used in automation, control panels, or marine applications. ### Technical Specification Breakdown | Component Code | Description | Technical Detail | | :--- | :--- | :--- | | **16** | **Series/Size** | Often refers to a 16mm mounting hole diameter. | | **110** | **Voltage Rating** | Designed for 110V (usually AC/DC) operation. | | **BN** | **Housing/Bezel** | **B**lack **N**ylon or **B**urnished **N**ickel finish. | | **R** | **Lens Color** | **R**ed illumination. | | **ST** | **Terminal Type** | **S**crew **T**erminals for wiring connections. | | **LED** | **Light Source** | Light Emitting Diode (high efficiency, long life). | | **AM** | **Mode/Style** | **A**mber or **A**mperage specific (often denotes a specific LED type). | | **6** | **Suffix** | Specific revision or wire gauge compatibility. | --- ### Core Electronic Characteristics #### 1. Illumination (LED) Unlike traditional incandescent bulbs, the LED source in this part offers: * **Longevity:** Typically rated for 50,000 to 100,000 hours of use. * **Low Power Consumption:** Minimal heat dissipation and low current draw. * **Vibration Resistance:** Solid-state components are ideal for industrial machinery. #### 2. Electrical Input The **110** designation indicates this unit contains internal circuitry (such as a bridge rectifier or dropping resistors) to step down 110V mains power to the low voltage required by the LED chip. #### 3. Physical Interface * **Mounting:** Designed for standard 16mm circular cutouts in control panels. * **Termination:** The **ST (Screw Terminals)** allow for secure, vibration-proof electrical contact without the need for specialized connectors or soldering. --- ### Common Applications * **Status Indicators:** Showing "Power On" or "Fault" states in electrical cabinets. * **Operator Interface:** Providing visual feedback on PLC-controlled machinery. * **Marine/Automotive:** If the "BN" refers to a specific corrosion-resistant bezel.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this specific LED indicator?
    • ⤷ Does this model support DC voltage in addition to 110V AC?
    • ⤷ What is the IP (Ingress Protection) rating for the 16110 series?