AI

The part number **15VF-56-R** typically refers to a **Power Inductor** (specifically a high-current, SMD power inductor) often manufactured by companies like **Sumida** or similar specialty magnetic component producers.
Below is a breakdown of its characteristics, technical specifications, and common applications.
---
## 1. Component Overview
The 15VF series are high-power, surface-mount (SMD) inductors designed for automotive and industrial power supply circuits. The "R" suffix usually denotes "RoHS compliance."
### Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 5.6 µH (denoted by "56") |
| **Inductance Tolerance** | ±20% (Typical) |
| **Type** | Shielded Surface Mount Power Inductor |
| **Core Material** | Ferrite / Powdered Iron |
| **Max DC Current (Isat)** | High (designed for heavy load stability) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
---
## 2. Key Features
* **Magnetic Shielding:** The "VF" series is usually shielded to minimize Electromagnetic Interference (EMI), which is critical in dense PCB layouts.
* **High Saturation Current:** It is engineered to maintain its inductance even when high current flows through it, preventing circuit failure.
* **Robust Construction:** Designed to withstand high-vibration environments and thermal cycling.
---
## 3. Common Applications
These components are primarily found in DC-DC converters and power management modules where high efficiency is required.
1. **Automotive Systems:** LED lighting drivers, Infotainment systems, and ADAS (Advanced Driver Assistance Systems).
2. **Industrial Electronics:** High-current power supplies for robotics and PLC controllers.
3. **Computing:** Voltage Regulator Modules (VRMs) for servers and workstations.
---
## 4. Identifying the Part Number Code
| Code Segment | Meaning |
| :--- | :--- |
| **15** | Usually represents the physical size/series (e.g., 15mm class footprint). |
| **VF** | Indicates the specific series type (Shielded, high-power). |
| **56** | The inductance value (5.6 in this context, or 56 depending on the specific vendor's multiplier). |
| **R** | RoHS Compliant / Lead-Free. |
---
- ⤷Who are the primary manufacturers for the 15VF-56-R inductor?
- ⤷ What are the footprint dimensions for a 15VF series inductor?
- ⤷ What are the recommended soldering profiles for this SMD component?