15TS-36-R
AI

The **15TS-36-R** is a specific model of a **Miniature Toggle Switch**, typically used in industrial controls, telecommunications, and instrumentation.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switching Function** | ON-ON (2 positions) |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC |
| **Contact Resistance** | 20 mΩ max (initial) |
| **Insulation Resistance** | 1,000 MΩ min |
| **Dielectric Strength** | 1,500 VAC for 1 minute |
| **Mechanical Life** | 100,000 cycles |
| **Terminal Type** | Solder Lug |
---
## 2. Component Construction
The part is composed of several key internal and external elements:
### Internal Parts
* **Contact Clips:** Usually silver-plated copper or brass to ensure high conductivity and prevent oxidation.
* **Pivot Mechanism:** A spring-loaded ball and socket mechanism that provides the "snap" feel when toggled.
* **Terminal Pins:** The "36" in the part number often refers to the terminal layout; in this case, three pins (Common, NO, NC).
### External Parts
* **Actuator (Lever):** Chrome-plated brass for durability and corrosion resistance.
* **Bushing:** Threaded neck for panel mounting. The "15TS" series often uses a standard 1/4-40 UNS thread.
* **Housing:** High-temperature plastic (often Diallyl Phthalate or DAP) which is UL94V-0 rated for flame retardancy.
---
## 3. Wiring Diagram
The **SPDT** configuration allows it to control two different circuits or switch a single source between two paths.
```text
[ Lever ]
|
+-----+-----+
| [1] [2] [3]| <-- Terminals (Solder Lugs)
+-----------+
1: Normally Closed (NC)
2: Common (COM)
3: Normally Open (NO)
```
---
## 4. Common Applications
* **Audio Equipment:** To switch between inputs or toggle power.
* **Industrial Panels:** Manual override switches for machinery.
* **DIY Electronics:** Breadboard power isolation or signal routing.
* **Marine/Automotive:** Low-voltage lighting or accessory control.
- ⤷
What is the mounting hole diameter required for the 15TS-36-R?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ Does this model come in a momentary (ON-OFF-ON) configuration?