AI

The **15TS-06-R** is a specific model of a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, industrial controls, and PCB designs to provide a tactile "click" feedback to the user when a circuit is closed.
---
### 1. Technical Specifications
The following table outlines the general technical parameters typical for the 15TS series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-Hole (DIP) or SMD (depends on sub-series) |
| **Circuit** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Current Rating** | ~50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | < 100mΩ |
| **Operating Force** | Typically 160gf to 250gf |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
---
### 2. Key Features
* **Tactile Feedback:** Provides a distinct physical "click" sensation and audible sound when pressed, confirming the actuation to the user.
* **Compact Footprint:** Designed for high-density mounting on Printed Circuit Boards (PCBs).
* **Durability:** High mechanical life cycle, often rated for 100,000 to 500,000 presses.
* **RoHS Compliant:** The "R" suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards.
---
### 3. Pin Configuration & Working Principle
The switch usually features 4 pins, but it acts as a **Single Pole Single Throw (SPST)** device.
1. **Internal Wiring:** Pins are typically connected in pairs (Pin 1 to 2, and Pin 3 to 4).
2. **Actuation:** When the button is pressed, the metal dome inside collapses, bridging the connection between the two pairs of pins.
3. **Momentary Action:** The circuit is only closed while the button is being held down. Once released, the internal spring (dome) pushes the button back to its original position, breaking the circuit.
---
### 4. Common Applications
* **Consumer Electronics:** Remote controls, microwave panels, and calculators.
* **Computer Peripherals:** Reset buttons on motherboards or buttons on monitors.
* **Industrial:** Control panels, timers, and instrumentation.
* **Prototyping:** Frequently used with Arduino or Raspberry Pi on breadboards for user input.
- ⤷
What is the physical footprint dimensions for the 15TS-06-R?
- ⤷ How do I debounce this switch in a microcontroller circuit?
- ⤷ Is there a Surface Mount (SMD) equivalent for this through-hole switch?