15SRB1-R
AI

The **15SRB1-R** is a specific type of power entry module, more commonly known as an **RFI/EMI Filter** (Radio Frequency Interference / Electromagnetic Interference filter). It is manufactured by TE Connectivity / Corcom.
Below is a detailed breakdown of its specifications, components, and applications.
---
### 1. General Overview
The 15SRB1-R is part of the **SR series**. These modules are designed to prevent unwanted electrical noise from entering a device via the power line, and conversely, to prevent the device from leaking noise back into the power grid.
### 2. Technical Specifications
| Feature | Specification |
|:---|:---|
| **Current Rating** | 15 Amperes |
| **Voltage Rating** | 120 / 250 VAC |
| **Operating Frequency** | 50 / 60 Hz |
| **Mounting Type** | Flange Mount (Screw-in) |
| **Termination Style** | Spade Terminals (Faston) / Quick Connect |
| **Inlet Type** | IEC 60320-1 C14 (Standard PC power plug) |
| **Leakage Current** | Low Leakage (Safe for various environments) |
### 3. Internal Components
A standard power line filter like the 15SRB1-R typically consists of a combination of passive electronic components housed in a shielded metal casing:
1. **Inductors (Chokes):** These provide high impedance to high-frequency noise while allowing the 50/60Hz power to pass through.
2. **Y-Capacitors:** Connected between the line/neutral and the ground. They bypass "Common Mode" noise to the earth.
3. **X-Capacitors:** Connected between the line and neutral. They filter "Differential Mode" noise across the power lines.
4. **Resistor:** Often includes a "bleeder resistor" to discharge the capacitors when the power is disconnected for safety.
### 4. Key Features
* **Integrated Design:** Combines a power inlet and a filter into one unit, saving space and reducing wiring.
* **Metal Housing:** The outer shell acts as a shield against radiated interference.
* **Compact Form Factor:** Specifically designed for applications where space behind the panel is limited.
### 5. Common Applications
* **Computing:** Power supplies for servers and workstations.
* **Medical Equipment:** High-grade filtering to ensure patient safety and device accuracy.
* **Industrial Electronics:** Protecting sensitive control circuits from factory floor electrical noise.
* **Test & Measurement:** Ensuring clean power for high-precision laboratory instruments.
---
- ⤷What is the difference between the 15SRB1-R and the 15SRB1-S model?
- ⤷ How do I calculate the leakage current for this filter?
- ⤷ What are the mechanical dimensions for panel cutout?