AI

The **1590WPFBK** is a specific model of electronic enclosure manufactured by **Hammond Manufacturing**. It is designed to house electronic components, PCBs (Printed Circuit Boards), and various instrumentation in rugged environments.
---
### 1. Key Technical Specifications
The model number provides specific information about its design and features:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Hammond Manufacturing |
| **Material** | Die-cast Aluminum Alloy (Tough yet easy to machine) |
| **Finish** | Black Polyester Powder Paint |
| **Waterproofing** | IP65 Rated (Watertight) |
| **Wall Type** | Flanged Lid (for easy wall or surface mounting) |
| **Outer Dimensions** | Approximately 112 x 60 x 31 mm |
---
### 2. Physical Components & Parts
The assembly of the 1590WPFBK typically consists of the following internal and external parts:
#### A. The Body (Chassis)
* **Lap Joint Construction:** The edges of the body are designed to interlock with the lid to provide protection against dust and splashing water.
* **Vibra-finish:** Before painting, the aluminum is tumbled to ensure a smooth surface with no sharp burrs.
#### B. The Lid (Flanged)
* The "PF" in the part number denotes a **Flanged Lid**. This means the lid extends beyond the body of the box with pre-drilled holes, allowing you to screw the entire unit onto a wall, vehicle, or machinery without opening the box.
#### C. Sealing Gasket
* **Material:** Silicone Rubber.
* **Function:** This gasket sits in the lap joint. When the lid is screwed down, it creates a watertight seal (IP65 rating), protecting internal electronics from moisture and rain.
#### D. Hardware
* **Screws:** Usually comes with 6-32 x 1/2" stainless steel machine screws.
* **Factory Holes:** The body has factory-tapped holes, so the screws secure metal-to-metal, which is more durable than self-tapping screws into plastic.
---
### 3. Electronic Applications
Because it is made of aluminum, this enclosure offers specific electrical advantages:
1. **EMI/RFI Shielding:** The metal construction naturally acts as a Faraday cage, protecting sensitive internal circuits from electromagnetic interference.
2. **Grounding:** The enclosure can be used as a common ground for a circuit.
3. **Heat Dissipation:** Aluminum acts as a giant heat sink, helping to pull heat away from internal power components (like voltage regulators or transistors).
---
### 4. Common Modifications
Engineers often modify this enclosure by adding:
* **Cable Glands:** To maintain the IP65 rating while running wires into the box.
* **Standoffs:** To mount PCBs securely inside.
* **LED Indicators:** Drilled through the face with waterproof bezels.
- ⤷
What is the difference between the 1590WPFBK and the standard 1590B?
- ⤷ How do I ensure the IP65 rating is maintained after drilling holes for wires?
- ⤷ Does the black powder coating affect the EMI shielding properties?