công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 14CEC-2202-R/Q

  • AI
    The **14CEC-2202-R/Q** is a specific variant of the **CEC2202** family of low-power microcontrollers developed by **Microchip Technology**. These chips are primarily designed for use in embedded systems, specifically as **Embedded Controllers (EC)** for laptops, industrial computers, and IoT devices. --- ## 1. Technical Overview The CEC2202 is an ARM® Cortex®-M4 based microcontroller optimized for cryptographic security and power management. ### Key Specifications Table | Feature | Details | | :--- | :--- | | **Core** | ARM® Cortex®-M4F (with Floating Point Unit) | | **Clock Speed** | Up to 48 MHz | | **SRAM** | 288 KB Total (Code/Data) | | **Package** | 144-pin WFBGA (Low-profile Fine-pitch Ball Grid Array) | | **Communication** | eSPI (Enhanced Serial Peripheral Interface), I2C, UART, SPI | | **Voltage Range** | 1.71V to 3.46V | | **Security** | Hardware Root of Trust, Secure Boot, ECDSA, AES-256 | --- ## 2. Core Functional Blocks The "Electronic Parts" within this IC are divided into several subsystems that allow it to manage a computer's motherboard: ### A. The Cryptographic Engine This is the standout feature of the "R/Q" (and similar) variants. It includes: - **Public Key Accelerator (PKA):** Speeds up RSA and ECC operations. - **True Random Number Generator (TRNG):** Critical for encryption keys. - **Hardware AES:** Dedicated hardware for 128-bit to 256-bit encryption. ### B. Input/Output (I/O) Interfaces The chip acts as a bridge between various sensors and the main CPU: * **eSPI Interface:** Allows the microcontroller to communicate with the Intel or AMD chipset (PCH/SOC). * **GPIOs:** General Purpose I/O pins used for controlling LEDs, power buttons, and switches. * **PWM Channels:** Used for controlling cooling fan speeds (Fan Tachometer). ### C. Power Management The CEC2202 is designed for "Always-On" power domains. It handles: - ACPI (Advanced Configuration and Power Interface) states. - System wake-up events. - Battery monitoring via ADC (Analog-to-Digital Converters). --- ## 3. Comparison of Suffixes In the Microchip naming convention, the "R/Q" suffix usually refers to specific revisions or packaging styles: 1. **-R**: Typically denotes "Tape and Reel" packaging for automated assembly. 2. **-Q**: Often indicates a specific qualification level or a variation in the hardware security feature set (such as enabled/disabled secure boot modes). --- ## 4. Typical Application Circuit When integrated into a PCB, the CEC2202 typically connects to the following components: ```mermaid graph LR Flash(External SPI Flash) --- CEC(CEC2202) CEC --- PCH(Main Processor / PCH) CEC --- Battery(Battery/Charger IC) CEC --- Keyboard(Keyboard Matrix) CEC --- Fan(System Fan) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CEC2202 and the older MEC series controllers?
    • ⤷ Does this chip support secure boot for Intel-based motherboards?
    • ⤷ What programming tools are required to flash the internal SRAM of the 14CEC-2202?