14CEC-215D-R
AI

The **14CEC-215D-R** is a specific part number typically associated with **RJ45 Integrated Connector Modules (ICMs)**, often manufactured by companies like **Link-Com** or similar magnetic component specialists.
These components are essential in networking hardware, combining a standard RJ45 jack with the necessary "magnetics" (transformers and filters) required for Ethernet communication.
---
## 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Connector with Integrated Magnetics |
| **Port Configuration** | Single Port (1x1), Tab-Down |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **LED Configuration** | Green / Yellow (Integrated) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Turn Ratio** | 1CT:1CT (Transmitter & Receiver) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Suffix "-R" usually denotes RoHS) |
---
## 2. Key Electronic Components Inside
An "Integrated" connector like the 14CEC-215D-R is not just a plastic housing; it contains a miniature PCB with the following circuits:
### A. Isolation Transformers
These provide galvanic isolation between the PHY (Physical Layer) chip and the network cable. This protects the sensitive circuitry from high-voltage surges and static electricity on the Ethernet line.
### B. Common Mode Chokes
Integrated chokes filter out electromagnetic interference (EMI). They ensure that the differential signals used in Ethernet are clean and that the device meets FCC/CE emission standards.
### C. Termination Resistors (Bob Smith Termination)
These are used to reduce common-mode noise and match the impedance of the twisted-pair cables (typically 75 ohms to a common capacitor).
### D. Integrated LEDs
The "215D" segment of the part number often indicates the specific color and wiring of the status LEDs (Link/Activity) built directly into the front of the jack.
---
## 3. Physical Layout and Mounting
* **Form Factor:** Right-angle, Through-hole (THT) mounting.
* **Shielding:** The entire unit is encased in a metal "can" (shield) to provide a path to ground for ESD and to minimize noise interference.
* **Tab Direction:** "Tab-Down" refers to the orientation of the plastic locking clip on the Ethernet cable when inserted.
---
## 4. Typical Applications
This part is commonly found in:
* **Embedded Systems:** Single-board computers (SBCs) or IoT gateways.
* **Networking Gear:** Switches, routers, and network interface cards (NICs).
* **Industrial Equipment:** Programmable Logic Controllers (PLCs) with Ethernet ports.
- ⤷
What is the pinout diagram for the 14CEC-215D-R?
- ⤷ Are there pin-compatible alternatives from brands like Pulse or MagJack?
- ⤷ How do I test the magnetic isolation of this connector using a multimeter?