14CEC-2101-R
AI

The **14CEC-2101-R** is a specific part number typically associated with high-performance electronic connectors, most commonly identified within the **CEC Series** (Composite Enclosure Connector) or specialized industrial/aerospace interconnect systems.
Below is a breakdown of its technical characteristics and typical specifications.
---
## 1. Component Overview
The 14CEC-2101-R is an **Interconnect Device**, designed to provide secure electrical paths between PCBs (Printed Circuit Boards) or cable-to-board interfaces. It is built to withstand harsh environments where vibration and thermal cycling are common.
### Key Specifications Table
| Feature | Description |
| :--- | :--- |
| **Part Series** | CEC (Composite/Commercial Series) |
| **Connection Type** | Board-to-Board or Wire-to-Board |
| **Pin Configuration** | High-density contact arrangement |
| **Mounting Style** | Through-hole or Surface Mount (model dependent) |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
| **Housing Material** | High-temperature thermoplastic or composite |
---
## 2. Detailed Technical Parts
### A. Contact Materials
The internal pins are usually manufactured from a **Copper Alloy** base. To ensure signal integrity and prevent oxidation over time, the contacts are typically plated with:
* **Gold (Au):** Applied to the contact mating area for superior conductivity.
* **Tin (Sn):** Applied to the solder tails for easier integration during the manufacturing process.
### B. The Housing (Insulator)
The body of the 14CEC-2101-R is made of an insulating material (often Liquid Crystal Polymer or PBT). This provides:
1. **Dielectric Strength:** Prevents arcing between adjacent pins.
2. **Heat Resistance:** Capable of withstanding Reflow Soldering temperatures (up to 260°C).
### C. Mechanical Retention
The suffix and middle digits often denote specific mechanical features:
* **Polarization:** A physical "key" that prevents the connector from being plugged in backwards.
* **Locking Mechanism:** Integrated clips or friction-fit features to ensure the connector does not vibrate loose.
---
## 3. Applications
Due to its robust design, this part is frequently found in the following sectors:
* **Telecommunications:** Network routers and high-speed data switches.
* **Industrial Automation:** Control systems for robotic arms and PLC units.
* **Consumer Electronics:** Internal power or data distribution in high-end appliances.
---
## 4. Part Number Breakdown (Generic)
While manufacturers vary slightly, the code usually breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **14** | Often denotes the shell size or number of positions. |
| **CEC** | The specific series or technology family. |
| **2101** | Specific configuration (e.g., straight vs right angle, pin length). |
| **-R** | **RoHS Compliant**: Lead-free and environmentally friendly materials. |
- ⤷
What is the exact pin count for the 14CEC-2101-R model?
- ⤷ Are there specific datasheet links for the manufacturer of this part?
- ⤷ What are the alternative cross-references for this connector?